Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F577CPMC Datasheet(PDF) 42 Page - Cypress Semiconductor

Part # MB91F577CPMC
Description  32-bit RISC, load/store architecture, 5-stage pipeline
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F577CPMC Datasheet(HTML) 42 Page - Cypress Semiconductor

Back Button MB91F577CPMC Datasheet HTML 38Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 39Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 40Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 41Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 42Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 43Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 44Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 45Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 46Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 163 page
background image
Document Number: 002-04725 Rev.*A
Page 42 of 163
MB91570 Series
Pin Number
Pin Name
I/O Circuit Type
Function Description
176
P131
M
General-Purpose I/O Port
TRG1
PPG Trigger Input pin 1 (ch.4-ch.7)
SIN1_0
Multi-function Serial Input pin ch.1 relocation 0
INT4_0
External Interrupt Request Input pin ch.4 relocation 0
ICU2_0
Input Capture Input pin ch.2 relocation 0
TIOA1
Base Timer I/O pin ch.1
177
P132
N
General-Purpose I/O Port
SOT1_0
Multi-function Serial Output pin ch.1 relocation 0
INT2_0
External Interrupt Request Input pin ch.2 relocation 0
ICU3_0
Input Capture Input pin ch.3 relocation 0
TIOB0
Base Timer I/O pin ch.0
178
P133
N
General-Purpose I/O Port
SCK1_0
Multi-function Serial Clock I/O pin ch.1 relocation 0
INT3_0
External Interrupt Request Input pin ch.3 relocation 0
ICU4_0
Input Capture Input pin ch.4 relocation 0
TIOB1
Base Timer I/O pin ch.1
TRG5
PPG Trigger Input pin 5 (ch.20-ch.23)
PPG11_1
PPG Output pin ch.11 relocation 1
179
P134
M
General-Purpose I/O Port
TRG2
PPG Trigger Input pin 2 (ch.8-ch.11)
INT5_0
External Interrupt Request Input pin ch.5 relocation 0
ICU5_0
Input Capture Input pin ch.5 relocation 0
PPG1_3
PPG Output pin ch.1 relocation 3
180
VCC5
-
+5.0v Power Supply pin
181
VSS
-
GND pin
182
C
-
External Capacitance Connection Pin
183
P140
M2
General-Purpose I/O Port
D16_0
External Bus Data I/O pin
D24_1
External Bus Data I/O pin
184
P141
M2
General-Purpose I/O Port
D17_0
External Bus Data I/O pin
D25_1
External Bus Data I/O pin
185
P142
M2
General-Purpose I/O Port
D18_0
External Bus Data I/O pin
D26_1
External Bus Data I/O pin
186
P143
M2
General-Purpose I/O Port
D19_0
External Bus Data I/O pin
D27_1
External Bus Data I/O pin
187
P144
M2
General-Purpose I/O Port
D20_0
External Bus Data I/O pin
D28_1
External Bus Data I/O pin
188
P145
M2
General-Purpose I/O Port
D21_0
External Bus Data I/O pin
D29_1
External Bus Data I/O pin
189
P146
M2
General-Purpose I/O Port
D22_0
External Bus Data I/O pin
D30_1
External Bus Data I/O pin
190
P147
M2
General-Purpose I/O Port
D23_0
External Bus Data I/O pin
D31_1
External Bus Data I/O pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com