Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F577CPMC Datasheet(PDF) 127 Page - Cypress Semiconductor

Part # MB91F577CPMC
Description  32-bit RISC, load/store architecture, 5-stage pipeline
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F577CPMC Datasheet(HTML) 127 Page - Cypress Semiconductor

Back Button MB91F577CPMC Datasheet HTML 123Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 124Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 125Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 126Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 127Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 128Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 129Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 130Page - Cypress Semiconductor MB91F577CPMC Datasheet HTML 131Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 163 page
background image
Document Number: 002-04725 Rev.*A
Page 127 of 163
MB91570 Series
Bit setting: SMR: MD2 = 0, SMR: MD1 = 1, SMR: MD0 = 0, SMR: SCINV = 1, SCR: SPI = 1
(TA: Recommended operating conditions, VCC5 = 5.0V ± 10%, VCCE = 5.0V±10%, VSS = AVSS = 0.0V)
Parameter
Symbol
Pin name
Conditions
Value
Unit
Min
Min
Serial clock cycle time
tSCYC
SCK0, SCK1,
SCK8, SCK9
Internal shift clock mode
CL = 50pF (When drive capability is 2mA or
more.)
CL = 20pF (When drive capability is 1mA)
4tCPP
–
ns
SCK↓→SOT
delay time
tSLOVI
SCK0, SCK1,
SCK8, SCK9,
SOT0, SOT1,
SOT8, SOT9
-30
+30
ns
Valid
SIN→SCK
↑
setup time
tIVSHI
SCK0, SCK1,
SCK8, SCK9,
SIN0, SIN1,
SIN8, SIN9
34
–
ns
SCK
↑→
Valid SIN hold time
tSHIXI
0
–
ns
SOT→SCK
↑
delay time
tSOVHI
SCK0, SCK1,
SCK8, SCK9,
SOT0, SOT1,
SOT8, SOT9
2tCPP-30
–
ns
Serial clock "H"pulse width
tSHSL
SCK0, SCK1,
SCK8, SCK9
External shift clock mode
CL = 50pF (When drive capability is 2mA or
more.)
CL = 20pF (When drive capability is 1mA)
tCPP+10
–
ns
Serial clock "L" pulse width
tSLSH
2tCPP-10
–
ns
SCK↓→SOT
delay time
tSLOVE
SCK0, SCK1,
SCK8, SCK9,
SOT0, SOT1,
SOT8, SOT9
–
33
ns
Valid SIN→SCK
↑
setup time
tIVSHE
SCK0, SCK1,
SCK8, SCK9,
SIN0, SIN1,
SIN8, SIN9
10
–
ns
SCK
↑→
Valid SIN hold time
tSHIXE
20
–
ns
SCK fall time
tF
SCK0, SCK1,
SCK8, SCK9
–
5
ns
SCK rise time
tR
SCK0, SCK1,
SCK8, SCK9
–
5
ns
Notes:
• AC characteristic in CLK synchronized mode.
• CL is the load capacitance applied to pins during testing.
• The maximum baud rate is limited by internal operation clock used and other parameters.
Refer to Hardware Manual for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com