Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-R Datasheet(PDF) 17 Page - Integrated Device Technology

Part # P9242-R
Description  Wireless Power Transmitter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9242-R Datasheet(HTML) 17 Page - Integrated Device Technology

Back Button P9242-R Datasheet HTML 13Page - Integrated Device Technology P9242-R Datasheet HTML 14Page - Integrated Device Technology P9242-R Datasheet HTML 15Page - Integrated Device Technology P9242-R Datasheet HTML 16Page - Integrated Device Technology P9242-R Datasheet HTML 17Page - Integrated Device Technology P9242-R Datasheet HTML 18Page - Integrated Device Technology P9242-R Datasheet HTML 19Page - Integrated Device Technology P9242-R Datasheet HTML 20Page - Integrated Device Technology P9242-R Datasheet HTML 21Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
P9242-R Datasheet
© 2016 Integrated Device Technology, Inc
17
December 16, 2016
7.10 Step-Down Regulator
The input capacitors (C14 and C15 in Figure 24) must be connected as close as possible between the VIN pin and GND pin. Similarly, the
output capacitor (C4 and C5 in Figure 24) must be placed close to the inductor and GND. The output voltage is sensed by the VIN_LDO pin;
therefore, the connection from the step-down output (VCC_5V; see Figure 24) to the VIN_LDO pin should be made as wide and short as
possible to minimize output voltage errors. The step-down regulator is the input voltage to the LDO18 and LDO33 linear regulators and is not
recommended for powering an external load.
7.11 Linear Regulators – PREG, LDO33, and LDO18
The P9242 has three low-dropout (LDO) regulators used to bias the internal circuitry. The 5V pre-regulator (PREG) provides bias for the
entire internal power management. The PREG requires a 1μF ceramic bypass capacitor connected from the PREG pin to GND. This
capacitor must be placed very close to the PREG pin. The voltage regulator must not be externally loaded.
The LDO33 and LDO18 are used to bias the internal digital circuit. The regulator’s input voltage is supplied through the VIN_LDO pin. Both
regulators require a 1μF ceramic capacitor from the pin to GND. The voltage regulators must not be externally loaded.
7.12 Under-Voltage Lock-Out (UVLO) Protection
The P9242-R has 4V (typical, rising) under-voltage lockout circuit on the VIN pin. To guarantee proper functionality, the voltage on the VIN pin
must rise above the UVLO threshold. If the input voltage stays below the UVLO threshold, the P9242-R is in Shut Down Mode.
Figure 17. UVLO Threshold Definition
Shut
Down
Mode
Shut
Down
Mode
Normal
Operating
Mode
Time
VIN_UVHYS
VIN_UVLO
7.13 LC Resonant Circuit
The LC resonant circuit comprises the series primary resonant coil (LP) and series capacitance (CP). The transmitter coil assembly is vendor
specific, and it must comply with the WPC recommendation. The WPC recommendations include the self-inductance value, DC resistance
(DCR), Q-factor, size, and number of turns.
The P9242-R is designed for an MP-A2 coil configuration using half-bridge and full-bridge inverter topologies to drive the primary coil (LP) and
a series capacitance (CP). Within the operating frequency range from 110kHz to 145kHz, the assembly of the primary coil and shielding has a
self-inductance of LP = 10.0μH ±10%, and the value of the series capacitance is CP = 215nF ±5%, according to the WPC specification. Near
resonance, the voltage developed across the CP series capacitance could reach 70V peak. High-voltage (100V) COG-type ceramic capacitors
are highly recommended for their AC and DC characteristics and temperature stability. The recommended parts are listed on the bill of
materials (BOM) in Table 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com