Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-R Datasheet(PDF) 22 Page - Integrated Device Technology

Part # P9242-R
Description  Wireless Power Transmitter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9242-R Datasheet(HTML) 22 Page - Integrated Device Technology

Back Button P9242-R Datasheet HTML 18Page - Integrated Device Technology P9242-R Datasheet HTML 19Page - Integrated Device Technology P9242-R Datasheet HTML 20Page - Integrated Device Technology P9242-R Datasheet HTML 21Page - Integrated Device Technology P9242-R Datasheet HTML 22Page - Integrated Device Technology P9242-R Datasheet HTML 23Page - Integrated Device Technology P9242-R Datasheet HTML 24Page - Integrated Device Technology P9242-R Datasheet HTML 25Page - Integrated Device Technology P9242-R Datasheet HTML 26Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
P9242-R Datasheet
© 2016 Integrated Device Technology, Inc
22
December 16, 2016
10. Functional Registers
The following list of tables is a comprehensive list of address locations, field names, available operations (R or RW), default values, and
functional descriptions of all internally accessible registers contained within the P9242-R. The default I2 C slave address is 61HEX.
Table 7.
State Register
Address and Bits
Register Field Name
R/W
Default
Function and Description
6E0HEX
System State
R
00HEX
0DEC = Startup
1DEC = Idle
2DEC = Analog Ping Phase
4DEC = Digital Ping Phase
5DEC = WPC Identification
7DEC = WPC Configuration
8DEC = Power Transfer Initialization
9DEC = Power Transfer State
11 DEC = Remove Power
12DEC = Restart
13DEC = WPC Negotiation
Table 8.
Status Register
Address and Bits
Register Field Name
R/W
Default
Function and Description
6E1HEX
System Status
R
00HEX
0DEC = System Normal
1DEC = FOD Alarm
2DEC = EPT Charge Complete
4DEC = EPT No Response
5DEC = EPT Internal Fault
6DEC = Over-Temperature Alarm
7DEC = Over-Current
9DEC = EPT Other Rx Fault
10DEC = Negotiation Fail
Table 9.
Read Register – Coil Current
Address and Bits
Register Field Name
R/W
Default
Function and Description
6E2HEX [7:0]
Coil_current [7:0]
R
-
8 LSB of coil current value in mA.
6E3HEX [7:0]
Coil_current [15:8]
R
-
8 MSB of coil current value in mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com