Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-R Datasheet(PDF) 13 Page - Integrated Device Technology

Part # P9242-R
Description  Wireless Power Transmitter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9242-R Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button P9242-R Datasheet HTML 9Page - Integrated Device Technology P9242-R Datasheet HTML 10Page - Integrated Device Technology P9242-R Datasheet HTML 11Page - Integrated Device Technology P9242-R Datasheet HTML 12Page - Integrated Device Technology P9242-R Datasheet HTML 13Page - Integrated Device Technology P9242-R Datasheet HTML 14Page - Integrated Device Technology P9242-R Datasheet HTML 15Page - Integrated Device Technology P9242-R Datasheet HTML 16Page - Integrated Device Technology P9242-R Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
P9242-R Datasheet
© 2016 Integrated Device Technology, Inc
13
December 16, 2016
6. Function Block Diagram
Figure 13. Functional Block Diagram
32-bit ARM
Processor
SCL
SDA
BST_BRG1
GH_BRG1
SW_BRG1
GL_BRG1
BST_BRG2
GH_BRG2
SW_BRG2
GL_BRG2
ASK
Decoder
VBRG_IN
DRV_VIN
DATA
OTP
DATA
SRAM
I2C
5V
Buck
LDO33
PREG
LDO18
LDO5V
SW_S
VIN_LDO
LDO33
LDO18
5V
3.3V
1.8V
D+
D-
USB
detect
GND
EN
LED1
LED2
OSC
TS
ILIM
LED_PAT
VCOIL
BUZR
12
MUX
OVP_CTL
Q_DRV1
Q_DRV2
GPIO
EP
VDDIO
I/O
Module
RSV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com