Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-R Datasheet(PDF) 27 Page - Integrated Device Technology

Part # P9242-R
Description  Wireless Power Transmitter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9242-R Datasheet(HTML) 27 Page - Integrated Device Technology

Back Button P9242-R Datasheet HTML 23Page - Integrated Device Technology P9242-R Datasheet HTML 24Page - Integrated Device Technology P9242-R Datasheet HTML 25Page - Integrated Device Technology P9242-R Datasheet HTML 26Page - Integrated Device Technology P9242-R Datasheet HTML 27Page - Integrated Device Technology P9242-R Datasheet HTML 28Page - Integrated Device Technology P9242-R Datasheet HTML 29Page - Integrated Device Technology P9242-R Datasheet HTML 30Page - Integrated Device Technology P9242-R Datasheet HTML 31Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
P9242-R Datasheet
© 2016 Integrated Device Technology, Inc
27
December 16, 2016
Item
Reference
Quantity
Value
Description
Part Number
PCB Footprint
26
J4
1
TP
CONN HEADER 3POS .100" STR
GOLD
901200763
sip3
27
J5
1
SIP con
4 Positions Header, Unshrouded
Connector 0.100" (2.54mm) Through
Hole Gold or Gold, GXT™
961104-6404-AR
sip-4
28
LED1
1
LED
LED RED CLEAR 0603 SMD
150060RS75000
0603_diode
29
LED2
1
LED
LED GREEN CLEAR 0603 SMD
150060GS75000
0603_diode
30
LX1, LX2
2
NP
Tx Coil assemble through hole
NA
TP_TXCoil
31
L1
1
4.7uH
FIXED IND 4.7UH 620MA 500 MOHM
CIG10W4R7MNC
L0603
32
L2
1
NP
Common mode EMI choke
ACM4520-901-2P-T-000
EMI_TDK_ACM4520L
33
PZ1
1
BUZZER
BUZZER PIEZO 4KHZ 12.2MM PC
MNT
PS1240P02CT3
9235_buzzer
34
Q1, Q2, Q3, Q4
4
DMG7430LF
G
MOSFET N-CH 30V 10.5A PWRDI3333
DMG7430LFG-7
powerdi3333_8ld_fet
35
Q5, Q7, Q8
3
2N7002
N-Channel 60-V (D-S) MOSFET
2N7002KT1G
SOT23_3
36
Q6
1
SIA453EDJ-
T1-GE3
MOSFET P-CH 30V 24A PPAK SC-70-6
SIA453EDJ-T1-GE3
sc70_6ld_fet
37
RTH1
1
NP
NTC Thermistor 10k Bead
NTCLE203E3103JB0
805
38
R1, R3, R7
3
1K
RES SMD 1K OHM 5% 1/16W 0402
RC0402JR-071KL
402
39
R4
1
680
RES SMD 680 OHM 5% 1/16W 0402
RC0402JR-07680RL
402
40
R5
1
NP
RES SMD 0.0 OHM JUMPER 1/10W
RC0402JR-070RL
402
41
R6, R13, , R16, R20, R23,
R41, R42, R43, R48
9
10K
RES SMD 10K OHM 1% 1/10W 0402
RC0402FR-0710KL
402
42
R8, R26, R30, R31, R32
5
100K
RES SMD 100K OHM 5% 1/10W 0402
ERJ-2GEJ104X
402
43
R24
1
NP
RES SMD 100K OHM 5% 1/10W 0402
ERJ-2GEJ104X
402
44
R9
1
100
RES SMD 100 OHM 5% 1/10W 0603
RC0603JR-07100RL
603
45
R10, R12
2
390K
RES SMD 390K OHM 5% 1/10W 0603
ERJ-3GEYJ394V
603
46
R14
1
2.4K
RES SMD 2.4K OHM 5% 1/10W 0402
ERJ-2GEJ242X
402
47
R11, R35
2
200K
RES SMD 200K OHM 1% 1/10W 0603
RC1608F204CS
603
48
R15, R21
2
10
RES SMD 10 OHM 1% 1/10W 0402
ERJ-2RKF10R0X
402
49
R18
1
0.02
RES SMD 0.02 OHM 1% 1/8W 0805
WSL0805R0200FEA
805
50
R19, R22, R40, R44
4
NP
RES SMD 10K OHM 1% 1/10W 0402
RC0402FR-0710KL
402
51
R25, R27, R28, R29
4
12
RES SMD 12 OHM 5% 1/10W 0402
ERJ-2GEJ120X
402
52
R33
1
3
RES SMD 3 OHM 1% 1/8W 0805
RC0805FR-073RL
805
53
R34
1
100K
RES SMD 100K OHM 1% 1/10W 0603
ERJ-3EKF1003V
603
54
R36, R37
2
0.1
RES SMD 0.1 OHM 5% 1/6W 0402
ERJ-2BSJR10X
402
55
R38, R39
2
0
RES SMD 0.0 OHM JUMPER 1/10W
RC0402JR-070RL
402
56
R45
1
220
RES SMD 220 OHM 1% 0.4W 0805
RC1206FR-07220RL
1206
57
R46, R47
2
5.1k
RES SMD 5.1K OHM 5% 1/16W 0402
MCR01MRTJ512
402
58
U1
1
P9242-R
Medium Power Transmitter
P9242-R
socketqfn_48_6x6_0p4
59
U2
1
NP
SPIFLASH 2M-BIT 4KB UNIFORM
SECT
W25X20CLUXIG TR
uson_2x3_8LD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com