Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-R Datasheet(PDF) 7 Page - Integrated Device Technology

Part # P9242-R
Description  Wireless Power Transmitter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9242-R Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button P9242-R Datasheet HTML 3Page - Integrated Device Technology P9242-R Datasheet HTML 4Page - Integrated Device Technology P9242-R Datasheet HTML 5Page - Integrated Device Technology P9242-R Datasheet HTML 6Page - Integrated Device Technology P9242-R Datasheet HTML 7Page - Integrated Device Technology P9242-R Datasheet HTML 8Page - Integrated Device Technology P9242-R Datasheet HTML 9Page - Integrated Device Technology P9242-R Datasheet HTML 10Page - Integrated Device Technology P9242-R Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
P9242-R Datasheet
© 2016 Integrated Device Technology, Inc
7
December 16, 2016
Pins
Name
Type
Function
25, 26, 27, 28,
42, 43
RSV
Output
Reserved for internal use. Do not connect.
29
GPIO
I/O
General purpose digital I/O pin.
30
GH_BRG2
Output
Gate driver output for the high-side FET of half bridge 2. Connect this pin to a series
12Ω resistor to the respective bridge FET gate.
31
BST_BRG2
Input
Bootstrap pin for half bridge 2. Tie an external capacitor from this pin to the
SW_BRG2 pin to generate a drive voltage higher than the input voltage.
32
SW_BRG2
Output
Switch node for half bridge 2.
33
GL_BRG2
Output
Gate driver output for the low-side FET of half bridge 2. Connect this pin to a series
12Ω resistor to the respective bridge FET gate.
35
GL_BRG1
Output
Gate driver output for the low-side FET of half bridge 1. Connect this pin to a series
12Ω resistor to the respective bridge FET gate.
36
SW_BRG1
Output
Switch node for half bridge 1.
37
BST_BRG1
Output
Bootstrap pin for half bridge 1. Tie an external capacitor from this pin to the
SW_BRG1 to generate a drive voltage higher than the input voltage.
38
GH_BRG1
Output
Gate driver output for the high-side FET of half bridge 1. Connect this pin to a series
12Ω resistor to the respective bridge FET gate.
39
DRV_VIN
Input
Input power supply for the internal gate drivers. Connect a 10µF capacitor from this
pin to ground.
40
VBRG_IN
Input
Bridge voltage input sense.
44
VDEM1
Input
High-pass filter input. Voltage demodulation pin for data packets based on coil
voltage variation; transmitted by power receiver.
45
IDEMI
Input
High-pass filter input. Current demodulation pin for data packets based on coil current
variation; transmitted by power receiver.
46
ISNS_OUT
Output
Input current sense output.
47
CSN
Input
Low-side input current sense (VBRIDGE).
48
CSP
Input
High-side input current sense (VIN).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com