Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-R Datasheet(PDF) 1 Page - Integrated Device Technology

Part # P9242-R
Description  Wireless Power Transmitter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9242-R Datasheet(HTML) 1 Page - Integrated Device Technology

  P9242-R Datasheet HTML 1Page - Integrated Device Technology P9242-R Datasheet HTML 2Page - Integrated Device Technology P9242-R Datasheet HTML 3Page - Integrated Device Technology P9242-R Datasheet HTML 4Page - Integrated Device Technology P9242-R Datasheet HTML 5Page - Integrated Device Technology P9242-R Datasheet HTML 6Page - Integrated Device Technology P9242-R Datasheet HTML 7Page - Integrated Device Technology P9242-R Datasheet HTML 8Page - Integrated Device Technology P9242-R Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Wireless Power Transmitter
for 15W Applications
P9242-R
Datasheet
© 2016 Integrated Device Technology, Inc
1
December 16, 2016
Description
The P9242-R is a highly integrated, magnetic induction, wireless
power transmitter supporting up to 15W. The system-on-chip
operates with an input voltage range of 4.25V to 21V.
The transmitter includes an industry-leading 32-bit ARM®
Cortex®-M0 processor offering a high level of programmability
while consuming extremely low standby power. The P9242-R
features two LED outputs with pre-defined user-programmable
blinking patterns, buzzer, and programmable over-current
protection supporting a wide range of applications. The I2C serial
communication allows the user to read information such as
voltage, current, frequency, and fault conditions. The P9242-R
includes an under-voltage lockout and thermal management cir-
cuit to safe guard the device under fault conditions. Together with
the P9221-R receiver (RX), the P9242-R is a complete wireless
power system solution.
The P9242-R is available in a lead-free, space-saving 48-VFQFN
package. The product is rated for a -40ºC to +85ºC operating
temperature range.
Typical Applications
Charging pad
Accessories
Cradle
Tablets
Features
Power transfer up to 15W
Wide input voltage range: 4.25V to 21V
WPC-1.2.2 compliant, MP-A2 coil configuration
Integrated step-down switching regulator
Embedded 32-bit ARM® Cortex®-M0 processor
Integrated drivers for external power FETs
Simultaneous voltage and current demodulation scheme for
communication
Integrated current sense amplifier
Low standby power
Dedicated remote temperature sensing
Programmable current limit
Power transfer LED indicator
Foreign objects detection (FOD)
Pre-defined user-programmable LED pattern
Active-LOW enable pin for electrical on/off
Over-current and over-temperature protection
Supports I2C interface
-40 to +85°C ambient operating temperature range
48-VFQFN (6
 6 mm) RoHS-compliant package
Basic Application Circuit
12V
Peak
detector
P9242-R
SW_S
LDO33
LDO18
PREG
VIN_LDO
RSNS
Programming
resistors
GH_BRG1
SW_BRG1
GL_BRG1
GH_BRG2
SW_BRG2
GL_BRG2
ILIM
LED_PAT
LP
CP
L


Similar Part No. - P9242-R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
P9242-R RENESAS-P9242-R Datasheet
1Mb / 38P
Wireless Power Transmitter for 15W Applications
January 16, 2018
P9242-R3 RENESAS-P9242-R3 Datasheet
1Mb / 44P
15W Wireless Charging Transmitter with Bi-directional Data Communication
May 17, 2019
More results

Similar Description - P9242-R

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z87100 ZILOG-Z87100 Datasheet
213Kb / 48P
Wireless Transmitter
logo
Texas Instruments
BQ500110 TI-BQ500110 Datasheet
567Kb / 21P
Wireless Power Transmitter Manager
BQ501210 TI1-BQ501210 Datasheet
215Kb / 8P
Wireless Power Transmitter Manager
BQ500215 TI1-BQ500215 Datasheet
2Mb / 35P
Compliant Wireless Power Transmitter Manager
logo
Integrated Device Techn...
P9235A-R IDT-P9235A-R Datasheet
1Mb / 23P
Wireless Power Transmitter
logo
Linear Technology
LTC4125 LINER-LTC4125 Datasheet
454Kb / 28P
5W AutoResonant Wireless Power Transmitter
logo
Rohm
BD57020MWV ROHM-BD57020MWV Datasheet
3Mb / 42P
Wireless Power Transmitter IC
BD57021MWV ROHM-BD57021MWV Datasheet
3Mb / 41P
Wireless Power Transmitter IC
logo
Integrated Device Techn...
P9260 IDT-P9260 Datasheet
158Kb / 2P
15W Wireless Power Transmitter
logo
NXP Semiconductors
WCT1101DS NXP-WCT1101DS Datasheet
2Mb / 35P
Consumer Low Power Wireless Transmitter Controller
Rev. 1.0, 02/2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com