Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-R Datasheet(PDF) 26 Page - Integrated Device Technology

Part # P9242-R
Description  Wireless Power Transmitter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9242-R Datasheet(HTML) 26 Page - Integrated Device Technology

Back Button P9242-R Datasheet HTML 22Page - Integrated Device Technology P9242-R Datasheet HTML 23Page - Integrated Device Technology P9242-R Datasheet HTML 24Page - Integrated Device Technology P9242-R Datasheet HTML 25Page - Integrated Device Technology P9242-R Datasheet HTML 26Page - Integrated Device Technology P9242-R Datasheet HTML 27Page - Integrated Device Technology P9242-R Datasheet HTML 28Page - Integrated Device Technology P9242-R Datasheet HTML 29Page - Integrated Device Technology P9242-R Datasheet HTML 30Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
P9242-R Datasheet
© 2016 Integrated Device Technology, Inc
26
December 16, 2016
11.3 Bill of Materials (BOM)
Table 15. P9242-R MM Evaluation Kit V2.1 Bill of Materials
Item
Reference
Quantity
Value
Description
Part Number
PCB Footprint
1
C1, C2, C3, C4, C13, C15,
C21, C26, C29, C30, C33,
C34
12
0.1uF
CAP CER 0.1UF 25V 10% X7R 0402
C1005X7R1E104K050BB
402
2
C5, C14, C31, C37, C38,
C40, C41
7
10uF
CAP CER 10UF 25V 20% X5R 0603
C1608X5R1E106M080AC
603
3
C6, C12, C16, C27
4
1uF
CAP CER 1UF 25V 20% X5R 0402
C1005X5R1E105M050BC
402
4
C7, C9
2
56p
CAP CER 56PF 50V NP0 0402
CL05C560JB5NNNC
402
5
C8
1
6.8nF
CAP CER 6800PF 25V X7R 0402
GRM155R71E682KA01D
402
6
C10, C11
2
22nF
0.022µF 50V Ceramic Capacitor X7R
0603
GCM188R71H223KA37D
603
7
C17
1
680p
CAP CER 680PF 50V X7R 0402
CL05B681KB5NNNC
402
8
C18
1
1nF
CAP CER 1000pF ±10% 50V X7R 0402
GRM155R71H102KA01D
402
9
C19, C35, C39
3
5.6nF
5600pF 100V Ceramic Capacitor C0G,
NP0 0603
C1608C0G2A562J080AC
603
10
C20
1
100nF
CAP CER 0.1UF 100V C0G 1206
C3216C0G2A104K160AC
1206
11
C22
1
22nF
CAP CER 0.022UF 50V 10% X7R 0402
GRM155R71H223KA12D
402
12
C23
1
68nF
CAP CER 0.068UF 100V NP0 1206
C3216C0G2A683K160AC
1206
13
C24
1
47nF
CAP CER 0.047UF 100V NP0 1206
C3216C0G2A473J115AC
1206
14
C25
1
NP
CAP CER 10000PF 100V C0G 1206
C3216C0G2A103J115AA
1206
15
C28, C32
2
22uF
CAP CER 22UF 25V 20% X5R 1206
GRM31CR61E226KE15L
1206
16
C36
1
NP
CAP CER 0.1UF 25V 10% X7R 0402
C1005X7R1E104K050BB
402
17
C42
1
0.1uF
0.10µF 50V Ceramic Capacitor X7R
0603
GRM188R71H104KA93D
603
18
C43
1
1uF
1µF 25V Ceramic Capacitor X5R 0603
GRM188R61E105KA12D
603
19
C44
1
4.7u
4.7µF 25V Ceramic Capacitor X5R
0603
GRM188R61E475KE11D
603
20
D1, D2
2
BAV21W
DIODE GEN PURP 80V 125MA DFN
BAV21W-7-F
sod123
21
VLX1, VINT1, IO_B1, IO_A1,
GNDT1, vs2, VLX2, VINT2,
IO_B2, GNDT2, vs3, IO_B3,
IO_B4, IO_A4, VCC5V,
IO_B5, IO_A5, IO_B6,
IO_A6, IO_B7, IO_A7,
IO_B8, LDO18, LDO33,
VSNS_IN, VCOIL, VBRG,
IO_B0, IO_A0, ENB
30
PTH_TP
30 GAUGE WIRE PAD
NP
TEST_PT30DPAD
22
VIN1, GND1, GND2, GND3,
GND4, VIN, GND
7
TP
TEST POINT PC MINIATURE SMT
5015
test_pt_sm_135x70
23
J1
1
5P
CONN RCPT MCR USB AB SMD TH
SHLL
ZX62D-AB-5P8
usb_micro_ab
24
J2
1
68000-
105HLF
BERGSTIK II .100" SR STRAIGHT
68000-105HLF
sip5
25
J3
1
AC_Adapter
CONN POWER JACK 2.5X5.5MM HI
CUR
PJ-002AH
CONN_POWER_JACK5
_5MM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com