Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-R Datasheet(PDF) 23 Page - Integrated Device Technology

Part # P9242-R
Description  Wireless Power Transmitter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9242-R Datasheet(HTML) 23 Page - Integrated Device Technology

Back Button P9242-R Datasheet HTML 19Page - Integrated Device Technology P9242-R Datasheet HTML 20Page - Integrated Device Technology P9242-R Datasheet HTML 21Page - Integrated Device Technology P9242-R Datasheet HTML 22Page - Integrated Device Technology P9242-R Datasheet HTML 23Page - Integrated Device Technology P9242-R Datasheet HTML 24Page - Integrated Device Technology P9242-R Datasheet HTML 25Page - Integrated Device Technology P9242-R Datasheet HTML 26Page - Integrated Device Technology P9242-R Datasheet HTML 27Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
P9242-R Datasheet
© 2016 Integrated Device Technology, Inc
23
December 16, 2016
Table 10. Read Register – Coil Voltage
Address and Bits
Register Field Name
R/W
Default
Function and Description
6E4HEX [7:0]
Coil_voltage [7:0]
R
-
8 LSB of coil voltage value in mV.
6E5HEX [7:0]
Coil_voltage [15:8]
R
-
8 MSB of coil voltage value in mV.
Table 11. Read Register – Remote Temperature Sensing Voltage
Sensing Voltage=
Thermistor ADC Value[15:0] ∗ 2.4V
4095
Address and Bits
Register Field Name
R/W
Default
Function and Description
6E8HEX [7:0]
Thermistor ADC Value [7:0]
R
-
8 LSB of thermistor ADC value.
6E9HEX [7:0]
Thermistor ADC Value
[15:8]
R
-
8 MSB of thermistor ADC value.
Table 12. Read Register – Operating Frequency
fOP=
60 MHz
FRE_
CNT[15:0]
Address and Bits
Register Field Name
R/W
Default
Function and Description
6EAHEX [7:0]
FRE_CNT [7:0]
R
-
8 LSB of operating frequency count.
6EBHEX [7:0]
FRQ_CNT [15:8]
R
-
8 MSB of operating frequency count.
Table 13. Read Register – Operating Duty Cycle
DUTY CYCLE=
DUTY_CNT ∗ 50%
255
Address and Bits
Register Field Name
R/W
Default
Function and Description
6ECHEX [7:0]
DUTY_CNT [7:0]
R
-
8 LSB of operating duty count.
6EDHEX [7:0]
DUTY_CNT [15:8]
R
-
8 MSB of operating duty count.
Table 14. Read Register – Full/Half Bridge Status
Address and Bits
Register Field Name
R/W
Default
Function and Description
6EEHEX [7:0]
Full/half bridge status [7:0]
R
-
“0” = Half bridge.
"1" = Full bridge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com