Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4807-1AKSZ-R2 Datasheet(PDF) 26 Page - Analog Devices

Part # ADA4807-1AKSZ-R2
Description  3.1 nV/?숰z, 1 mA, 180 MHz, Rail-to-Rail Input/Output Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4807-1AKSZ-R2 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADA4807-1AKSZ-R2 Datasheet HTML 22Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 23Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 24Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 25Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 26Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 27Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 28Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 29Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
ADA4807-1/ADA4807-2/ADA4807-4
Data Sheet
Rev. B | Page 26 of 33
APPLICATIONS INFORMATION
CAPACITIVE LOAD DRIVE
Figure 67 shows the schematic for driving large capacitive loads, and
Figure 68 shows the frequency response for a gain of +2. Note that
the bandwidth decreases with larger capacitive loads (see Figure 68).
Figure 69 shows the required series resistor (RSERIES) when
limiting the peaking to 3 dB for a range of load capacitors
(CLOAD) at a gain of +2. From Figure 69, no series resistors are
necessary to maintain stability for larger capacitors.
RF
RG
RSERIES
VLOAD
RT
49.9Ω
VOUT
VIN
RLOAD
CLOAD
Figure 67. Schematic for Driving Large Capacitive Loads
–18
–15
–12
–9
–6
–3
0
3
6
0.1
1
10
100
1000
FREQUENCY (MHz)
VS = ±5V
RLOAD = 1kΩ
G = +2
VOUT = 70mV p-p
100nF, 0.5Ω
10nF, 1.69Ω
1nF, 10.5Ω
15pF, 100Ω
47pF, 82.5Ω
470pF, 20Ω
Figure 68. Frequency Response for Driving Large Capacitive Loads,
RF = RG = 249 Ω
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
100
CLOAD (nF)
Figure 69. Required Series Resistor (RSERIES) vs. Capacitive Load (CLOAD)
at 3 dB Peaking
LOW NOISE FET OPERATIONAL AMPLIFIER
Low noise amplifiers for photodiode, piezoelectric, and other
instrumentation applications typically call for circuit parameters
such as extremely high input impedance, low 1/f noise, or sub-
picoamp bias currents that can be met only with a discrete
amplifier design.
The discrete amplifier shown in Figure 70 uses a high-speed op
amp preceded by a differential amplifier stage. This discrete config-
uration is implemented with dual matched JFETs, which provide
high input impedance and some initial gain, reducing the noise
and precision specifications of the second stage. The low current
consumption of the ADA4807-1/ADA4807-2/ADA4807-4, in
addition to their precision and low noise characteristics, results
in a composite design with 7 mA of total supply current,
1.5 nV/√Hz noise at 1 kHz, and 4 nV/√Hz noise at 10 Hz.
The unbalanced output impedance of the FETs is negated by
the use of an inverting amplifier cascode. The ADA4807-1/
ADA4807-2/ADA4807-4 are ideally suited for the cascode due
to their rail-to-rail input structure, which results in excellent
overload behavior of the overall discrete amplifier. Using this
cascode structure, the CMRR is greater than 100 dB.
A high output impedance current source is also needed to
maintain the CMRR of the discrete amplifier. An ADR510
maintains a precise current over the supply voltage, and the low
collector capacitance of the PMP4201 results in a balanced and
predictable slew rate behavior. This is shown in Figure 71 with a
0.4 V p-p input and a 4 V p-p output with a gain of 10. Figure 72
shows output referred total harmonic distortion plus noise
(THD + N) for a gain of 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com