Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4807-1AKSZ-R2 Datasheet(PDF) 23 Page - Analog Devices

Part # ADA4807-1AKSZ-R2
Description  3.1 nV/?숰z, 1 mA, 180 MHz, Rail-to-Rail Input/Output Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4807-1AKSZ-R2 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADA4807-1AKSZ-R2 Datasheet HTML 19Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 20Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 21Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 22Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 23Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 24Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 25Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 26Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
Data Sheet
ADA4807-1/ADA4807-2/ADA4807-4
Rev. B | Page 23 of 33
OVERDRIVE RECOVERY AND TURN ON/TURN OFF TIMES
–3
–2
–1
0
1
2
3
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
TIME (µs)
VIN
VOUT
VS = ±2.5V
G = +1
RLOAD = 1kΩ
Figure 58. Input Overdrive Recovery
0
200
400
600
800
1000
1200
1400
1600
1800
–40 –25 –10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
VS = ±5.0V
VS = ±2.5V
VS = ±1.5V
G = +1
RLOAD = 1kΩ
DISABLE = –VS TO +VS
Figure 59. Turn On Time vs. Temperature and Supply
–3
–2
–1
0
1
2
3
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
TIME (µs)
VIN
VOUT
VS = ±2.5V
G = +2
RLOAD = 1kΩ
Figure 60. Output Overdrive Recovery
–40
–25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
100
150
200
250
300
350
400
VS = ±5.0V
VS = ±2.5V
VS = ±1.5V
G = +1
RLOAD = 1kΩ
DISABLE = +VS TO –VS
Figure 61. Turn Off Time vs. Temperature and Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com