Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4807-1AKSZ-R2 Datasheet(PDF) 20 Page - Analog Devices

Part # ADA4807-1AKSZ-R2
Description  3.1 nV/?숰z, 1 mA, 180 MHz, Rail-to-Rail Input/Output Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4807-1AKSZ-R2 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADA4807-1AKSZ-R2 Datasheet HTML 16Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 17Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 18Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 19Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 20Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 21Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 22Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 23Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
ADA4807-1/ADA4807-2/ADA4807-4
Data Sheet
Rev. B | Page 20 of 33
DISTORTION AND NOISE
–180
–160
–140
–120
–100
–80
–60
–40
–20
1
10
100
1000
10000
FREQUENCY (kHz)
VS = ±1.5V, HD3
VS = ±2.5V, HD3
VS = ±2.5V, HD2
VS = ±5V, HD3
VS = ±5V, HD2
VS = ±1.5V, HD2
G = +1
RLOAD = 1kΩ
VOUT = 2V p-p
Figure 43. ADA4807-1 Harmonic Distortion vs. Frequency for Various Supplies
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
1
10
100
1000
10000
FREQUENCY (kHz)
VS = ±2.5V
VOUT = 2V p-p
RLOAD = 1kΩ
G = +1, HD3
G = +2, HD3
G = +2, HD2
G = +1, HD2
G = +5, HD3
G = +5, HD2
Figure 44. ADA4807-1 Harmonic Distortion vs. Frequency for Various Gains
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VOUT (V p-p)
VS = ±2.5V
G = +1
RLOAD = 1kΩ
f = 1kHz
f = 100kHz
f = 1MHz
Figure 45. Total Harmonic Distortion vs. Output Voltage (VOUT)
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0.001
0.01
0.1
1
10
FREQUENCY (MHz)
HD2
HD3
G = +1
RLOAD = 1kΩ
VOUT = 2V p-p
VS = ±1.5V
VS = ±2.5V
VS = ±5V
Figure 46. ADA4807-2/ADA4807-4 Harmonic Distortion vs. Frequency for
Various Supplies
–180
–160
–140
–120
–100
–80
–60
–40
–20
10
1
100
1000
10000
FREQUENCY (kHz)
G = +1
VOUT = 2V p-p
VS = ±2.5V
RLOAD = 1kΩ
HD2
RLOAD = 100Ω
HD3
RLOAD = 1kΩ
HD3
RLOAD = 100Ω
HD2
Figure 47. ADA4807-1 Harmonic Distortion vs. Frequency for Various
Resistive Loads
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0123
456789
10
INPUT COMMON-MODE VOLTAGE (V)
VS = 3V
VS = 5V
VS = 10V
HD2
HD3
HD2
HD2
HD3
HD3
G = + 1
VOUT = 2V p-p
RLOAD = 1kΩ
f = 100kHz
Figure 48. Harmonic Distortion vs. Input Common-Mode Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com