Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4807-1AKSZ-R2 Datasheet(PDF) 18 Page - Analog Devices

Part # ADA4807-1AKSZ-R2
Description  3.1 nV/?숰z, 1 mA, 180 MHz, Rail-to-Rail Input/Output Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4807-1AKSZ-R2 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADA4807-1AKSZ-R2 Datasheet HTML 14Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 15Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 16Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 17Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 18Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 19Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 20Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 21Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
ADA4807-1/ADA4807-2/ADA4807-4
Data Sheet
Rev. B | Page 18 of 33
SLEW, TRANSIENT, SETTLING TIME, AND CROSSTALK
100
120
140
160
180
200
220
240
260
280
–40
–25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
RISING EDGE
RISING EDGE
FALLING EDGE
FALLING EDGE
G = +1
RLOAD = 1kΩ
VS = ±5V
VOUT = 5V p-p
VS = ±2.5V
VOUT = 2V p-p
Figure 36. Slew Rate vs. Temperature
–15
–10
–5
0
5
10
15
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
TIME (µs)
G = +1
RLOAD = 1kΩ
VS RANGE = ±1.5V TO ±5V
Figure 37. Small Signal Transient Response for Various Supplies
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
0
100
200
300
400
500
600
700
800
900
TIME (ns)
G = +1
RLOAD = 1kΩ
±1.5V
±2.5V
±5V
Figure 38. Large Signal Transient Response for Various Supplies
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
80
90
60
40
20
0
TIME (ns)
VS = ±5V
OUTPUT STEP = 5V p-p
VS = ±2.5V
OUTPUT STEP = 2V p-p
Figure 39. Settling Time to 0.1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com