Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4807-1AKSZ-R2 Datasheet(PDF) 17 Page - Analog Devices

Part # ADA4807-1AKSZ-R2
Description  3.1 nV/?숰z, 1 mA, 180 MHz, Rail-to-Rail Input/Output Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4807-1AKSZ-R2 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADA4807-1AKSZ-R2 Datasheet HTML 13Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 14Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 15Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 16Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 17Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 18Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 19Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 20Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
Data Sheet
ADA4807-1/ADA4807-2/ADA4807-4
Rev. B | Page 17 of 33
–300
–200
–100
0
100
200
300
–
5.2
–
3.9
–
2.6
–
1.3
0
1.3
2.6
3.9
5.2
INPUT COMMON-MODE VOLTAGE (V)
VS = ±5V
10 UNITS
Figure 34. Input Referred Offset Voltage vs. Input Common-Mode Voltage
10
9
8
7
6
5
4
3
2
1
0
–4
–3
–2
–1
25
24
23
22
21
20
19
18
17
16
15
11
12
13
14
0
100
200
300
400
500
600
TIME (Hours)
VS = ±2.5V
8 UNITS, SOLDERED TO PCB
OIL BATH TEMPERATURE
Figure 35. Long-Term Input Offset Voltage (VOS) Drift



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com