Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4807-1AKSZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # ADA4807-1AKSZ-R2
Description  3.1 nV/?숰z, 1 mA, 180 MHz, Rail-to-Rail Input/Output Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4807-1AKSZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADA4807-1AKSZ-R2 Datasheet HTML 10Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 11Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 12Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 13Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 14Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 15Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 16Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 17Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
ADA4807-1/ADA4807-2/ADA4807-4
Data Sheet
Rev. B | Page 14 of 33
–24
–21
–18
–15
–12
–9
–6
–3
0
3
6
0.1
1
10
100
1000
FREQUENCY (MHz)
1kΩ
100Ω
VS = ±2.5V
VOUT = 20mV p-p
G = +1
Figure 16. Small Signal Frequency Response for Various Resistive Loads
12
–24
–21
–18
–15
–12
–9
–6
–3
0
3
6
9
0.1
1
10
100
1000
FREQUENCY (MHz)
VS = ±2.5V
G = +1
VOUT = 20mV p-p
RLOAD = 1kΩ
15pF
10pF
5pF
0pF
Figure 17. Small Signal Frequency Response for Various Capacitive Loads
–21
–18
–15
–12
–9
–6
–3
0
3
6
0.1
1
10
1000
100
FREQUENCY (MHz)
VS = ±2.5V
G = +1
VOUT = 20mV p-p
RLOAD = 1kΩ
VCM = +VS – 0.5V
VCM = 0V
Figure 18. Small Signal Frequency Response for
Various Input Common-Mode Voltages (VCM)
–30
–27
–24
–21
–18
–15
–12
–9
–6
–3
0
3
6
0.1
1
10
100
1000
FREQUENCY (MHz)
VS RANGE = ±2.5V TO ±5V
VOUT = 2V p-p
G = +1
1kΩ
100Ω
Figure 19. Large Signal Frequency Response for Various Resistive Loads
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.1
1
10
100
FREQUENCY (MHz)
G = +1
RLOAD = 1kΩ
VS RANGE = ±2.5V TO ±5V
VOUT = 2V p-p
VS RANGE = ±1.5V TO ±5V
VOUT = 20mV p-p
Figure 20. 0.1 dB Flatness Frequency Response for Various Output Amplitudes
–24
–21
–18
–15
–12
–9
–6
–3
0
3
6
0.1
1
10
100
1000
FREQUENCY (MHz)
G = 2
RF = 499Ω
RLOAD = 1kΩ
Vs = ±2.5V, ±5V
VOUT = 200mV p-p
Vs = ±5V
VOUT = 4V p-p
Vs = ±2.5V, ±5V
VOUT = 2V p-p
Vs = ±2.5V, ±5V
VOUT = 20mV p-p
Figure 21. Frequency Response for Various Output Amplitudes, G = +2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com