Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4807-1AKSZ-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4807-1AKSZ-R2
Description  3.1 nV/?숰z, 1 mA, 180 MHz, Rail-to-Rail Input/Output Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4807-1AKSZ-R2 Datasheet(HTML) 4 Page - Analog Devices

  ADA4807-1AKSZ-R2 Datasheet HTML 1Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 2Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 3Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 4Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 5Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 6Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 7Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 8Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
ADA4807-1/ADA4807-2/ADA4807-4
Data Sheet
Rev. B | Page 4 of 33
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DISABLE CHARACTERISTICS1
DISABLE Input Voltage2
Low
Disabled
<1.3
V
High
Enabled
>1.7
V
DISABLE Input Current
Low
Disabled
−470
nA
High
Enabled
−3
nA
DISABLE On Time
DISABLE input midswing point to >90%
of final VOUT, VPD = +VS
1.3
1.8
μs
DISABLE Off Time
DISABLE input midswing point to <10%
of enabled quiescent current, VPD = −VS
270
340
ns
OUTPUT CHARACTERISTICS
Saturated Output Voltage Swing
RLOAD = 1 kΩ
High
+VS − 0.08
+VS − 0.04
V
Low
−VS + 0.1
−VS + 0.07
V
Linear Output Current3
Sourcing, G = +1, VIN = +VS, RLOAD = varied
50
mA
Sinking, G = +1, VIN = −VS, RLOAD = varied
60
mA
Short-Circuit Current
Sourcing, G = +1, VIN =+VS, RLOAD= 0 Ω to
10 Ω
80
mA
Sinking, G= +1, VIN = −VS, RLOAD = 0 Ω to 10 Ω
80
mA
Capacitive Load Drive
CLOAD = 15 pF, VOUT = 20 mV p-p
17
% overshoot
POWER SUPPLY
Operating Range
2.7
11
V
Quiescent Current per Amplifier
Enabled, no load, TA = 25°C
1.0
1.1
mA
Disabled, TA = 25°C
2.4
4.0
μA
Power Supply Rejection Ratio (PSRR)
Positive
+VS = 3 V to 5 V, −VS = −5 V
98
107
dB
Negative
+VS = 5 V, −VS = −3 V to −5 V
98
120
dB
1 The disable pin is DISABLE on the ADA4807-1 and DISABLE1 or DISABLE2 for the ADA4807-2 LFCSP package, hereafter referred to as DISABLE for the ADA4807-1/ADA4807-2.
2 See the Disable Circuitry section.
3 See Figure 53 and Figure 56.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com