Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4807-1AKSZ-R2 Datasheet(PDF) 19 Page - Analog Devices

Part # ADA4807-1AKSZ-R2
Description  3.1 nV/?숰z, 1 mA, 180 MHz, Rail-to-Rail Input/Output Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4807-1AKSZ-R2 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADA4807-1AKSZ-R2 Datasheet HTML 15Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 16Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 17Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 18Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 19Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 20Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 21Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 22Page - Analog Devices ADA4807-1AKSZ-R2 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
Data Sheet
ADA4807-1/ADA4807-2/ADA4807-4
Rev. B | Page 19 of 33
–15
–10
–5
0
5
10
15
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0pF
5pF
10pF
15pF
TIME (µs)
VS = ±2.5V
G = +1
Figure 40. Small Signal Transient Response for Various Capacitive Loads
–160
–140
–120
–100
–80
–60
–40
–20
0
0.0001
0.001
0.01
0.1
1
10
100
1000
FREQUENCY (MHz)
VS = ±2.5V
VOUT = 2V p-p
DISABLE = 2.5V
DRIVING AMP 1
DRIVING AMP 2
Figure 41. ADA4807-2 Crosstalk vs. Frequency
–140
–120
–100
–80
–60
–40
–20
0
100
1k
10k
100k
1M
10M
100M
1G
FREQUENCY (Hz)
VS = ±2.5V
VOUT2, VOUT3, VOUT4 = 1V p-p
G = +1
RLOAD = 1kΩ
VOUT1
Figure 42. ADA4807-4 All Hostile Crosstalk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com