Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9528BCPZ Datasheet(PDF) 32 Page - Analog Devices

Part # AD9528BCPZ
Description  Maximum output frequency
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9528BCPZ Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9528BCPZ Datasheet HTML 28Page - Analog Devices AD9528BCPZ Datasheet HTML 29Page - Analog Devices AD9528BCPZ Datasheet HTML 30Page - Analog Devices AD9528BCPZ Datasheet HTML 31Page - Analog Devices AD9528BCPZ Datasheet HTML 32Page - Analog Devices AD9528BCPZ Datasheet HTML 33Page - Analog Devices AD9528BCPZ Datasheet HTML 34Page - Analog Devices AD9528BCPZ Datasheet HTML 35Page - Analog Devices AD9528BCPZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 68 page
background image
Data Sheet
AD9528
Rev. C | Page 31 of 67
Clock Distribution Synchronization
A block diagram of the clock distribution synchronization
functionality is shown in Figure 35. The synchronization feature
edge aligns all outputs together or to forces a desired phase
offset between output edges. An automatic synchronization of the
channel dividers is initiated the first time the PLL2 locks after a
power-up or reset event. Subsequent lock and unlock events do
not initiate a resynchronization unless preceded by a power-
down or reset of the device.
All outputs are disabled temporarily while the sync output bit in
Register 0x032A, Bit 0 is active, unless the channel is programmed
to ignore the sync output command. The ignore sync command
for each channel is controlled via Register 0x032B and
Register 0x032C.
When using the sync output bit to synchronize outputs, first set
and then clear the bit. The synchronization event is the clearing
operation (that is, the Logic 1 to Logic 0 transition of the bit).
The channel dividers are automatically synchronized to each
other when PLL2 is ready.
In normal operation, the phase offsets are already programmed
through the SPI/I2C port before the AD9528 starts to provide
outputs. Although the digital coarse phase offsets cannot be
adjusted while the dividers are operating, it is possible to adjust
the phase of all outputs relative to each other without powering
down PLL1 and PLL2. This is accomplished by programming
the new phase offset using Bits[5:0] in the clock distribution
registers, and then issuing an output sync by using the sync
outputs bit (Register 0x032A, Bit 0).
Figure 35. Clock Distribution Synchronization Block Diagram
Figure 36. Clock Output Synchronization Timing Diagram
FAN OUT
VCO RF DIVIDER
SYNC OUTPUT BIT
DIVIDER
DRIVER
OUTx
OUTx
OUT
SYNC
PHASE
DIVIDE
DIVIDE = 2, PHASE = 0
DIVIDE = 2, PHASE = 6
VCO DIVIDER OUTPUT CLOCK
SYNC
OUTPUTS
6 × 0.5 PERIODS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com