Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9528BCPZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD9528BCPZ
Description  Maximum output frequency
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9528BCPZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9528BCPZ Datasheet HTML 5Page - Analog Devices AD9528BCPZ Datasheet HTML 6Page - Analog Devices AD9528BCPZ Datasheet HTML 7Page - Analog Devices AD9528BCPZ Datasheet HTML 8Page - Analog Devices AD9528BCPZ Datasheet HTML 9Page - Analog Devices AD9528BCPZ Datasheet HTML 10Page - Analog Devices AD9528BCPZ Datasheet HTML 11Page - Analog Devices AD9528BCPZ Datasheet HTML 12Page - Analog Devices AD9528BCPZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
AD9528
Data Sheet
Rev. C | Page 8 of 67
OUTPUT TIMING ALIGNMENT CHARACTERISTICS
Table 9.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
OUTPUT TIMING
SKEW
Delay off on all outputs, maximum deviation between rising edges of outputs; all
outputs are on and in HSTL mode, unless otherwise noted
PLL1 Outputs
PLL1 to PLL1
17
100
ps
PLL1 clock to PLL1 clock
PLL1 to SYSREF
17
100
ps
SYSREF retimed by PLL1 clock
PLL1 to SYSREF
361
510
ps
SYSREF not retimed by any clock
PLL1 to SYSREF
253
1150
ps
SYSREF retimed by PLL2 clock
PLL1 to PLL2
257
1000
ps
PLL1 clock to PLL2 clock
PLL2 Outputs
PLL2 to PLL2
20
165
ps
PLL2 clock to PLL2 clock
PLL2 to SYSREF
20
165
ps
SYSREF retimed by PLL2 clock
PLL2 to SYSREF
620
750
ps
SYSREF not retimed by any clock
PLL2 to SYSREF
253
1150
ps
SYSREF retimed by PLL1 clock
PLL2 to PLL1
257
1000
ps
PLL2 clock to PLL1 clock
OUTPUT DELAY
ADJUST
Enables digital and analog delay capability
Coarse Adjustable
Delay
32
Steps
Resolution step is the period of VCO RF divider (M1) output/2
Fine Adjustable
Delay
15
Steps
Resolution step
Resolution Step
31
ps
Insertion Delay
425
ps
Analog delay enabled and delay setting equal to zero
SYSREF_IN, SYSREF_IN, VCXO_IN, AND VCXO_IN TIMING CHARACTERISTICS
Table 10.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
PROPAGATION LATENCY OF VCXO PATH
1.92
2.3
2.7
ns
VCXO input to device clock output, not retimed
PROPAGATION LATENCY OF SYSREF PATH
1.83
2.2
2.6
ns
SYSREF input to SYSREF output, not retimed
RETIMED WITH DEVICE CLOCK
Setup Time of External SYSREF Relative to Device Clock
Output
−1.13
ns
Given a SYSREF input clock rate equal to
122.88 MHz
Hold Time of External SYSREF Relative to Device Clock
Output
0.7
ns
RETIMED WITH VCXO
Setup Time of External SYSREF Relative to VCXO Input
−0.21
ns
Hold Time of External SYSREF Relative to VCXO
0.09
ns
CLOCK OUTPUT ABSOLUTE PHASE NOISE—DUAL LOOP MODE
Application examples are based on a typical setups (see Table 2) using an external 122.88 MHz VCXO (Crystek CVHD-950); reference =
122.88 MHz; channel divider = 10 or 1; PLL2 loop bandwidth (LBW) = 450 kHz.
Table 11.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
HSTL OUTPUT
f
OUT = 122.88 MHz
10 Hz Offset
−87
dBc/Hz
100 Hz Offset
−106
dBc/Hz
1 kHz Offset
−126
dBc/Hz
10 kHz Offset
−135
dBc/Hz
100 kHz Offset
−139
dBc/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com