Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9528BCPZ Datasheet(PDF) 28 Page - Analog Devices

Part # AD9528BCPZ
Description  Maximum output frequency
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9528BCPZ Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9528BCPZ Datasheet HTML 24Page - Analog Devices AD9528BCPZ Datasheet HTML 25Page - Analog Devices AD9528BCPZ Datasheet HTML 26Page - Analog Devices AD9528BCPZ Datasheet HTML 27Page - Analog Devices AD9528BCPZ Datasheet HTML 28Page - Analog Devices AD9528BCPZ Datasheet HTML 29Page - Analog Devices AD9528BCPZ Datasheet HTML 30Page - Analog Devices AD9528BCPZ Datasheet HTML 31Page - Analog Devices AD9528BCPZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
Data Sheet
AD9528
Rev. C | Page 27 of 67
PLL1 Input Dividers
Each reference input has a dedicated reference divider block.
The input dividers provide division of the reference frequency
in integer steps from 1 to 1023.
PLL1 Reference Switchover
The reference monitor verifies the presence or absence of the
REFA and REFB signals. The status of the reference monitor
guides the activity of the switchover control logic. The AD9528
supports automatic and manual PLL reference clock switching
between REFA (the REFA and REFA pins) and REFB (the REFB
and REFB pins).
There are several configurable modes of reference switchover.
The manual switchover is achieved either via programming a
register setting or by using the REF_SEL pin. If manually
selecting REFB, REFB must be present prior to when the
switchover to REFB occurs. The automatic switchover occurs
when REFA disappears and a reference is on REFB. PLL1
operates with REFA as the primary reference input; this is
relevant to the switchover operation of the device.
The reference automatic switchover can be set to work as
follows:
•
Nonrevertive. Stay on REFB. Switch from REFA to REFB
when REFA disappears, but do not switch back to REFA if
it reappears. If REFB disappears, then go back to REFA.
•
Revert to REFA. Switch from REFA to REFB when REFA
disappears. Return to REFA from REFB when REFA
returns.
If a switchover event occurs in nonrevertive mode and the
missing input to REFA is reestablished, the return of the
missing reference does not reset the nonrevertive switchover
logic. The result of this setup is that, if REFB is selected during
nonrevertive switchover mode and nonrevertive switchover is
disabled and reenabled, REFB is still the active reference,
regardless if REFA is present. The switchover logic can be reset
by issuing a device reset.
PLL1 Holdover
In the absence of both input references, the device enters
holdover mode. When the device switches to holdover mode,
the charge pump tristates, allowing VCXO_VT to maintain its
existing value for a period of time. Optionally, the charge pump
can be programmed to force VCXO_VT to VDD/2. The device
continues operating in this mode until a reference signal
becomes available. Then the device exits holdover mode, and
PLL1 resynchronizes with the active reference. Automatic
holdover mode can be disabled with a register bit. PLL2 remains
locked to the VCXO signal even when PLL1 is in holdover.
PLL1 Lock Time
The typical PLL1 lock time occurs within 5× the period of the
loop bandwidth, assuming a third-order loop filter with a phase
margin of 55°. It may take up to 10× the period of the loop
bandwidth for the PLL1 lock detector circuit to show locked
status.
Calculate PLL1_TO in Figure 52 as
PLL1_TO = 10/LBWPLL1
where:
PLL1_TO is the PLL1 timeout.
LBWPLL1 is the loop bandwidth of PLL1.
COMPONENT BLOCKS—PLL2
PLL2 General Description
PLL2 consists of an optional input reference 2× multiplier,
reference divider, a PFD, a mostly integrated analog loop filter,
an integrated voltage controlled oscillator (VCO), and a feedback
divider. The VCO produces a nominal 3.8 GHz signal with an
output divider that is capable of division ratios of 3, 4, and 5.
PLL2 has a VCO with multiple bands spanning a range of
3.450 GHz to 4.025 GHz. The device automatically selects the
appropriate band as part of its calibration process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com