Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9528BCPZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD9528BCPZ
Description  Maximum output frequency
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9528BCPZ Datasheet(HTML) 5 Page - Analog Devices

  AD9528BCPZ Datasheet HTML 1Page - Analog Devices AD9528BCPZ Datasheet HTML 2Page - Analog Devices AD9528BCPZ Datasheet HTML 3Page - Analog Devices AD9528BCPZ Datasheet HTML 4Page - Analog Devices AD9528BCPZ Datasheet HTML 5Page - Analog Devices AD9528BCPZ Datasheet HTML 6Page - Analog Devices AD9528BCPZ Datasheet HTML 7Page - Analog Devices AD9528BCPZ Datasheet HTML 8Page - Analog Devices AD9528BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 68 page
background image
AD9528
Data Sheet
Rev. C | Page 4 of 67
SPECIFICATIONS
The AD9528 is configured for dual loop mode. The REFA differential input is enabled at 122.88 MHz, fVCXO = 122.88 MHz and single-
ended, fVCO = 3686.4 MHz, VCO divider = 3. Doubler and analog delay are off, SYSREF generation is on, unless otherwise noted. Typical
is given for VDDx = 3.3 V ± 5%, and TA = 25°C, unless otherwise noted. Minimum and maximum values are given over the full VDDx
and TA (−40°C to +85°C) variation, as listed in Table 1.
CONDITIONS
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY VOLTAGE
VDDx1
3.135
3.3
3.465
V
3.3 V ± 5%
TEMPERATURE
Ambient Temperature
Range, T
A
−40
+25
+85
°C
Junction Temperature, T
J
+115
°C
Refer to the Power Dissipation and Thermal Considerations section to
calculate the junction temperature
1 VDDx includes the VDD pins (Pin 1, Pin 10, Pin 16, Pin 20, and Pin 72) and the VDD13 pin through the VDD0 pin, unless otherwise noted. See the Pin Configuration and Function
Descriptions for details.
SUPPLY CURRENT
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY CURRENT
Excludes clock distribution section; clock distribution outputs running as follows:
7 HSTL device clocks at 122.88 MHz, 7 LVDS SYSREF clocks (3.5 mA) at 960 kHz
Dual Loop Mode
PLL1 and PLL2 enabled
VDD (Pin 1, Pin 72)
19
21
mA
VDD (Pin 10)
29
32
mA
VDD (Pin 16)
34
37
mA
VDD ( Pin 20)
64
71
mA
Single Loop Mode
PLL1 off and REFA and REFB inputs off
VDD (Pin 1, Pin 72)
7
9
mA
122.88 MHz reference source applied to the VCXO inputs (input to PLL2)
VDD (Pin 10)
29
32
mA
VDD (Pin 16)
34
37
mA
VDD (Pin 20)
64
71
mA
Buffer Mode
PLL1 and PLL2 off, REFA and REFB inputs disabled; 122.88 MHz reference source
applied to VCXO differential inputs to drive 7 of 14 outputs, internal SYSREF
generator off, 960 kHz input source applied to SYSREF differential inputs to drive
the other 7 outputs, dividers in clock distribution path bypassed in clock
distribution channel
VDD (Pin 1, Pin 72)
17
19
mA
VDD (Pin 10)
23
25
mA
VDD (Pin 16)
2
3
mA
VDD (Pin 20)
15
19
mA
Chip Power-Down
Mode
VDD (Pin 1, Pin 10,
Pin 16, Pin 20,
and Pin 72)
15
mA
Chip power-down bit enabled (Register 0x0500, Bit 0 = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com