Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9528BCPZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD9528BCPZ
Description  Maximum output frequency
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9528BCPZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9528BCPZ Datasheet HTML 17Page - Analog Devices AD9528BCPZ Datasheet HTML 18Page - Analog Devices AD9528BCPZ Datasheet HTML 19Page - Analog Devices AD9528BCPZ Datasheet HTML 20Page - Analog Devices AD9528BCPZ Datasheet HTML 21Page - Analog Devices AD9528BCPZ Datasheet HTML 22Page - Analog Devices AD9528BCPZ Datasheet HTML 23Page - Analog Devices AD9528BCPZ Datasheet HTML 24Page - Analog Devices AD9528BCPZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
AD9528
Data Sheet
Rev. C | Page 20 of 67
Figure 9. Output Waveform (Differential), HSTL at 1228.8 MHz
Figure 10. Output Waveform (Differential), LVDS and LVDS Boost Mode at
122.88 MHz
Figure 11. Output Waveform (Differential), LVDS and LVDS Boost Mode at
1228.8 MHz
Figure 12. Phase Noise, Output = 122.88 MHz, HSTL Mode, PLL1 Output Sent
Directly to Clock Distribution, PLL2 Off (VCXO = 122.88 MHz, Crystek VCXO
CVHD-950)
Figure 13. Phase Noise, Output = 122.88 MHz, HSTL Mode, PLL1 Output Sent
Directly to Clock Distribution, PLL2 Off (VCXO = 122.88 MHz, TAITEN VCXO
(A0145-0-011-3)
Figure 14. Phase Noise, Output = 122.88 MHz, HSTL Mode, Dual Loop Mode
(VCXO = 122.88 MHz, Crystek VCXO CVHD-950, VCO = 3686.4 MHz)
CH1 500mV Ω
M200ps 20.0GS/s
A CH1
80.0mV
1
CH1 200mV Ω
REF1 200mV
1.25ns
A CH1
80.0mV
R1
M1.25ns 20.0GS/s
CH1 200mV Ω
REF1 200mV
200ps
A CH1
80.0mV
R1
M200ps 20.0GS/s
–30
–20
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
–180
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
1: 100Hz
–105.7178dBc/Hz
2: 1kHz
–134.3390dBc/Hz
3: 10kHz
–145.1476dBc/Hz
4: 100kHz –152.6346dBc/Hz
5: 1MHz
–157.9614dBc/Hz
6: 10MHz –161.1440dBc/Hz
7: 40MHz –161.1443dBc/Hz
x: START 12kHz
STOP 20kHz
CENTER 10.006MHz
SPAN 19.988MHz
NOISE
ANALYSIS RANGE X: BAND MARKER
ANALYSIS RANGE Y: BAND MARKER
INTG NOISE: –87.3785dBc/19.69MHz
RMS NOISE: 60.4767µrad
3.46506mdeg
RMS JITTER: 78.33fsec
RESIDUAL FM: 619.186Hz
1
2
7
3
4
5
6
–30
–20
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
–180
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
1: 100Hz
–97.1175dBc/Hz
2: 1kHz
–124.9178dBc/Hz
3: 10kHz
–137.7096dBc/Hz
4: 100kHz –149.2171dBc/Hz
5: 1MHz
–154.9158dBc/Hz
6: 10MHz –157.3075dBc/Hz
7: 40MHz –157.7049dBc/Hz
x: START 12kHz
STOP 20kHz
CENTER 10.006MHz
SPAN 19.988MHz
NOISE
ANALYSIS RANGE X: BAND MARKER
ANALYSIS RANGE Y: BAND MARKER
INTG NOISE: –83.6685dBc/19.69MHz
RMS NOISE: 92.7025µrad
5.31146mdeg
RMS JITTER: 120.069fsec
RESIDUAL FM: 954.322Hz
1
2
7
3
4
5
6
–30
–20
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
–180
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
1: 100Hz
–105.5794dBc/Hz
2: 1kHz
–125.9783dBc/Hz
3: 10kHz
–135.4507dBc/Hz
4: 100kHz –139.4561dBc/Hz
5: 1MHz
–148.5800dBc/Hz
6: 10MHz –161.0299dBc/Hz
7: 40MHz –161.7150dBc/Hz
x: START 12kHz
STOP 20kHz
CENTER 10.006MHz
SPAN 19.988MHz
NOISE
ANALYSIS RANGE X: BAND MARKER
ANALYSIS RANGE Y: BAND MARKER
INTG NOISE: –81.2870dBc/19.69MHz
RMS NOISE: 121.946µrad
6.98697mdeg
RMS JITTER: 157.945fsec
RESIDUAL FM: 619.939Hz
1
2
7
3
4
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com