Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9528BCPZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD9528BCPZ
Description  Maximum output frequency
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9528BCPZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9528BCPZ Datasheet HTML 7Page - Analog Devices AD9528BCPZ Datasheet HTML 8Page - Analog Devices AD9528BCPZ Datasheet HTML 9Page - Analog Devices AD9528BCPZ Datasheet HTML 10Page - Analog Devices AD9528BCPZ Datasheet HTML 11Page - Analog Devices AD9528BCPZ Datasheet HTML 12Page - Analog Devices AD9528BCPZ Datasheet HTML 13Page - Analog Devices AD9528BCPZ Datasheet HTML 14Page - Analog Devices AD9528BCPZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
AD9528
Data Sheet
Rev. C | Page 10 of 67
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
f
OUT = 1228.8 MHz
OUT1 and OUT2 only, channel divider = 1
10 Hz Offset
−85
dBc/Hz
100 Hz Offset
−95
dBc/Hz
1 kHz Offset
−103
dBc/Hz
10 kHz Offset
−114
dBc/Hz
100 kHz Offset
−120
dBc/Hz
800 kHz Offset
−126
dBc/Hz
1 MHz Offset
−128
dBc/Hz
10 MHz Offset
−147
dBc/Hz
100 MHz Offset
−153
dBc/Hz
LVDS OUTPUT
f
OUT = 122.88 MHz
10 Hz Offset
−111
dBc/Hz
100 Hz Offset
−113
dBc/Hz
1 kHz Offset
−123
dBc/Hz
10 kHz Offset
−135
dBc/Hz
100 kHz Offset
−140
dBc/Hz
800 kHz Offset
−147
dBc/Hz
1 MHz Offset
−148
dBc/Hz
10 MHz Offset
−157
dBc/Hz
40 MHz Offset
−157
dBc/Hz
f
OUT = 1228.8 MHz
OUT1 and OUT2 only, channel divider = 1
10 Hz Offset
−85
dBc/Hz
100 Hz Offset
−95
dBc/Hz
1 kHz Offset
−103
dBc/Hz
10 kHz Offset
−114
dBc/Hz
100 kHz Offset
−120
dBc/Hz
800 kHz Offset
−126
dBc/Hz
1 MHz Offset
−128
dBc/Hz
10 MHz Offset
−146
dBc/Hz
100 MHz Offset
−152
dBc/Hz
CLOCK OUTPUT ABSOLUTE TIME JITTER
Table 13.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
OUTPUT ABSOLUTE RMS TIME JITTER
Application examples are based on typical setups (see
Table 2) using an external 122.88 MHz VCXO (Crystek CVHD-950);
reference = 122.88 MHz; channel divider = 10 or 1;
PLL2 LBW = 450 kHz
Dual Loop Mode
HSTL Output
117
fs
Integrated BW = 200 kHz to 5 MHz
f
OUT = 122.88 MHz
123
fs
Integrated BW = 200 kHz to 10 MHz
159
fs
Integrated BW = 12 kHz to 20 MHz
172
fs
Integrated BW = 10 kHz to 40 MHz
177
fs
Integrated BW = 1 kHz to 40 MHz
109
fs
Integrated BW = 1 MHz to 40 MHz
f
OUT = 1228.8 MHz, Channel
Divider = 1
114
fs
Integrated BW = 200 kHz to 5 MHz
116
fs
Integrated BW = 200 kHz to 10 MHz
147
fs
Integrated BW = 12 kHz to 20 MHz
154
fs
Integrated BW = 10 kHz to 100 MHz
160
fs
Integrated BW = 1 kHz to 100 MHz
74
fs
Integrated BW = 1 MHz to 100 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com