Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9528BCPZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD9528BCPZ
Description  Maximum output frequency
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9528BCPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9528BCPZ Datasheet HTML 3Page - Analog Devices AD9528BCPZ Datasheet HTML 4Page - Analog Devices AD9528BCPZ Datasheet HTML 5Page - Analog Devices AD9528BCPZ Datasheet HTML 6Page - Analog Devices AD9528BCPZ Datasheet HTML 7Page - Analog Devices AD9528BCPZ Datasheet HTML 8Page - Analog Devices AD9528BCPZ Datasheet HTML 9Page - Analog Devices AD9528BCPZ Datasheet HTML 10Page - Analog Devices AD9528BCPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
AD9528
Data Sheet
Rev. C | Page 6 of 67
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
HSTL Mode, 9 mA
80
mW
Single 9 mA HSTL output at 122.88 MHz, channel divider = 10
85
mW
Single 9 mA HSTL output at 409.6 MHz, channel divider = 3
95
mW
Single 9 mA HSTL output at 983.04 MHz, VCO divider = 5, channel divider = 1
125
mW
Single 9 mA HSTL output at 1228.8 MHz, channel divider = 1
REFA
Differential On
72
mW
REFA and REFB running at 122.88 MHz, REF_SEL = REFB
Single-Ended
72
mW
REFA and REFB running at 122.88 MHz, REF_SEL = REFB
SYSREF Generator
Enabled
5
mW
Single 3.5 mA LVDS output at 960 kHz
Fine Delay On
1
mW
Maximum delay setting
INPUT CHARACTERISTICS—REFA, REFA, REFB, REFB, VCXO_IN, VCXO_IN, SYSREF_IN, AND SYSREF_IN
Table 4.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DIFFERENTIAL MODE
Input Frequency Range
400
MHz
Input Frequency Range
(VCXO_IN)
1250
MHz
For buffer mode
Input Slew Rate (VCXO_IN)
500
V/µs
Minimum limit imposed for jitter performance
Common-Mode Internally
Generated Input Voltage
0.6
0.7
0.8
V
Input Common-Mode Range
0.4
1.4
V
DC-coupled LVDS mode and HSTL mode supported
Differential Input Voltage,
Sensitivity Frequency <
250 MHz
200
mV p-p
Can accommodate single-ended inputs via ac grounding of unused
inputs; instantaneous voltage on either pin must not exceed 1.8 V dc
Differential Input Voltage,
Sensitivity Frequency >
250 MHz
250
mV p-p
Can accommodate single-ended inputs via ac grounding of unused
inputs; instantaneous voltage on either pin must not exceed 1.8 V dc
Differential Input Resistance
4.8
kΩ
Differential Input Capacitance
4
pF
Duty Cycle
Duty cycle limits are set by pulse width high and pulse width low
Pulse Width Low
1
ns
Pulse Width High
1
ns
CMOS MODE, SINGLE-ENDED
INPUT
Input Frequency Range
250
MHz
Input High Voltage
1.4
V
Input Low Voltage
0.65
V
Input Capacitance
2
pF
Duty Cycle
Duty cycle limits are set by pulse width high and pulse width low
Pulse Width Low
1.6
ns
Pulse Width High
1.6
ns
PLL1 CHARACTERISTICS
Table 5.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
PFD FREQUENCY
110
MHz
Charge Pump Current LSB Size
0.5
μA
7-bit resolution
Reference Frequency Detector
Threshold
950
kHz
Do not use automatic holdover if the reference frequency is
less than the minimum value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com