Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9528BCPZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD9528BCPZ
Description  Maximum output frequency
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9528BCPZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9528BCPZ Datasheet HTML 16Page - Analog Devices AD9528BCPZ Datasheet HTML 17Page - Analog Devices AD9528BCPZ Datasheet HTML 18Page - Analog Devices AD9528BCPZ Datasheet HTML 19Page - Analog Devices AD9528BCPZ Datasheet HTML 20Page - Analog Devices AD9528BCPZ Datasheet HTML 21Page - Analog Devices AD9528BCPZ Datasheet HTML 22Page - Analog Devices AD9528BCPZ Datasheet HTML 23Page - Analog Devices AD9528BCPZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 68 page
background image
Data Sheet
AD9528
Rev. C | Page 19 of 67
TYPICAL PERFORMANCE CHARACTERISTICS
fVCXO = 122.88 MHz, REFA differential at 122.88 MHz, fVCO = 3686.4 MHz, and doubler is off, unless otherwise noted. External PLL1 loop
filter component values are as follows: RZERO = 10 kΩ, CZERO = 1 μF, CPOLE = 200 pF. External PLL2 external capacitor CZERO = 1 nF. PLL1
charge pump = 5 μA and PLL2 charge pump = 805 μA.
Figure 3. VDDx Current (Typical) vs. Output Frequency, HSTL Mode
Figure 4. VDDx Current (Typical) vs. Output Frequency, LVDS Mode and
LVDS Boost Mode
Figure 5. Differential Voltage Swing vs. Output Frequency, HSTL Mode
Figure 6. Differential Voltage Swing vs. Output Frequency, LVDS Mode and
LVDS Boost Mode
Figure 7. Positive Duty Cycle vs. Output Frequency, HSTL, LVDS, and LVDS
Boost Modes
Figure 8. Output Waveform (Differential), HSTL at 122.88 MHz
0
5
10
15
20
25
30
35
40
50
250
450
650
850
1050
1250
OUTPUT FREQUENCY (MHz)
0
5
10
15
20
25
30
35
50
250
450
650
850
1050
1250
OUTPUT FREQUENCY (MHz)
LVDS
LVDS BOOST
0
0.5
1.0
1.5
OUTPUT FREQUENCY (MHz)
2.0
2.5
0
200
400
600
800
1000
1200
1400
0
0.2
0.4
1.2
1.0
0.8
0.6
OUTPUT FREQUENCY (MHz)
0
200
400
600
800
1000
1200
1400
LVDS
LVDS BOOST
40
42
44
46
48
50
52
54
56
58
60
0
200
400
600
OUTPUT FREQUENCY (MHz)
800
1000
1200
1400
HSTL
LVDS
LVDS BOOST
CH1 500mV Ω
M1.25ns 20.0GS/s
A CH1
80.0mV
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com