Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8753LEB/RV Datasheet(PDF) 50 Page - Wolfson Microelectronics plc

Part # WM8753LEB/RV
Description  HI FI AND TELEPHONY DUAL CODEC
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8753LEB/RV Datasheet(HTML) 50 Page - Wolfson Microelectronics plc

Back Button WM8753LEB/RV Datasheet HTML 46Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 47Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 48Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 49Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 50Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 51Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 52Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 53Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 54Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 87 page
background image
Advanced Information
WM8753L
w
AI Rev 3.1 June 2004
50
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7
TSDIPOL
0
Controls polarity of thermal shutdown interrupts.
0 = Interrupt when thermal shutdown active.
1 = Interrupt when thermal shutdown inactive.
6
HPSWIPOL
0
Controls polarity of Headphone interrupts.
0 = Interrupt when headphone connected.
1 = Interrupt when headphone disconnected.
5
GPIO5IPOL
0
Controls polarity of GPIO5 interrupts.
0 = Interrupt when GPIO5 high.
1 = Interrupt when GPIO5 low.
4
GPIO4IPOL
0
Controls polarity of GPIO4 interrupts.
0 = Interrupt when GPIO4 high
1 = Interrupt when GPIO4 low
3
GPIO3IPOL
0
Controls polarity of GPIO3 interrupts.
0 = Interrupt when GPIO3 high
1 = Interrupt when GPIO3 low
1
MICDETPOL
0
Controls polarity of microphone bias detect
interrupt
0 = Interrupt when above threshold
1 = Interrupt when below threshold
R25 (19h)
Interrupt
Polarity
0
MICSHTPOL
0
Controls polarity of microphone bias short circuit
interrupts.
0 = Interrupt when bias over current
1 = Interrupt when bias normal
7
TSDIEN
0
Controls thermal shutdown interrupt.
1 = Enable interrupt.
0 = Disable interrupt.
6
HPSWIEN
0
Controls headphone interrupt.
1 = Enable interrupt.
0 = Disable interrupt.
5
GPIO5IEN
0
Controls GPIO5 interrupt.
1 = Enable interrupt.
0 = Disable interrupt.
4
GPIO4IEN
0
Controls GPIO4 interrupt.
1 = Enable interrupt.
0 = Disable interrupt.
3
GPIO3IEN
0
Controls GPIO3 interrupt.
1 = Enable interrupt.
0 = Disable interrupt.
1
MICDETEN
0
Controls Microphone Bias detect interrupt
1 = Enable interrupt.
0 = Disable interrupt.
R26 (1Ah)
Interrupt
Mask
0
MICSHTEN
0
Controls microphone bias short circuit interrupt
(button press).
1 = Enable interrupt.
0 = Disable interrupt.
R27 (1Bh)
Interrupt
Control
(1)
8:7
INTCON
00
Controls INT signal from controller.
00 = Disabled (no interrupts).
01 = Open drain active low INT signal.
10 = Active high INT signal.
11 = Active low INT signal.
Note that physical pin used for INT is controlled
via GPIO Control register.
Table 48 Interrupt Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com