Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8753LEB/RV Datasheet(PDF) 62 Page - Wolfson Microelectronics plc

Part # WM8753LEB/RV
Description  HI FI AND TELEPHONY DUAL CODEC
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8753LEB/RV Datasheet(HTML) 62 Page - Wolfson Microelectronics plc

Back Button WM8753LEB/RV Datasheet HTML 58Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 59Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 60Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 61Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 62Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 63Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 64Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 65Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 66Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 87 page
background image
Advanced Information
WM8753L
w
AI Rev 3.1 June 2004
62
MODE/GPIO3
INTERFACE FORMAT
Low
2 wire
High
3 wire
Table 58 Control Interface Mode Selection
3-WIRE SERIAL CONTROL MODE
In 3-wire mode, every rising edge of SCLK clocks in one data bit from the SDIN pin. A rising edge on
GPIO5/CSB latches in a complete control word consisting of the last 16 bits.
In 3-wire mode readback is also available to allow read of a device ID register or interrupt status
registers. Readback is enabled by setting READEN. The address of the register to be read back is
selected by setting READSEL[2:0]. The readback data can be output on ADCDAT by setting RDDAT
or on GPI/CLK1, GP2/CLK2, GPIO3 or GPIO4 by configuring the GPIO pins using control bits
GP1M[1:0], GP2M[1:0], GP3M[2:0] and GP4M[2:0].
The SDOUT virtual pin will be tri-state when the CSB pin is high, allowing data from multiple sources
to be connected to the same controller.
READEN=0
READEN=1
GPIO5/CSB
SCLK
SDIN
B15
control register address
control register data
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
latch
GPIO5/CSB
SCLK
SDIN
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
latch
SDOUT
S7
S6
S5
S4
S3
S2
S1
S0
S6
S5
S4
S3
S2
S1
S0
S7
status word
status word (duplicated)
SDOUT tri-stated when CSB=1
Figure 24 3-Wire Serial Control Interface
2-WIRE SERIAL CONTROL MODE
The WM8753L supports software control via a 2-wire serial bus. Many devices can be controlled by
the same bus, and each device has a unique 7-bit device address (this is not the same as the 7-bit
address of each register in the WM8753L).
The WM8753L operates as a slave device only. The controller indicates the start of data transfer with
a high to low transition on SDIN while SCLK remains high. This indicates that a device address and
data will follow. All devices on the 2-wire bus respond to the start condition and shift in the next eight
bits on SDIN (7-bit address + Read/Write bit, MSB first). If the device address received matches the
address of the WM8753L, then the WM8753L responds by pulling SDIN low on the next clock pulse
(ACK). If the address is not recognised or the R/W bit is ‘1’ when operating in write only mode, the
WM8753L returns to the idle condition and wait for a new start condition and valid address.
During a write, once the WM8753L has acknowledged a correct address, the controller sends the first
byte of control data (B15 to B8, i.e. the WM8753L register address plus the first bit of register data).
The WM8753L then acknowledges the first data byte by pulling SDIN low for one clock pulse. The
controller then sends the second byte of control data (B7 to B0, i.e. the remaining 8 bits of register
data), and the WM8753L acknowledges again by pulling SDIN low.
Transfers are complete when there is a low to high transition on SDIN while SCLK is high. After a
complete sequence the WM8753L returns to the idle state and waits for another start condition. If a
start or stop condition is detected out of sequence at any point during data transfer (i.e. SDIN
changes while SCLK is high), the device jumps to the idle condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com