Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8753LEB/RV Datasheet(PDF) 72 Page - Wolfson Microelectronics plc

Part # WM8753LEB/RV
Description  HI FI AND TELEPHONY DUAL CODEC
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8753LEB/RV Datasheet(HTML) 72 Page - Wolfson Microelectronics plc

Back Button WM8753LEB/RV Datasheet HTML 68Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 69Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 70Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 71Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 72Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 73Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 74Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 75Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 76Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 87 page
background image
Advanced Information
WM8753L
w
AI Rev 3.1 June 2004
72
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R18 (12h)
Additional
Control
7:6
VSEL
[1:0]
11
Analogue Bias optimization
00: Lowest bias current, optimized for AVDD=1.8V
01: Low bias current, optimized for AVDD=2.5V
1X: Default bias current, optimized for AVDD=3.3V
SAVING POWER BY REDUCING OVERSAMPLING RATE
The default mode of operation of the ADC and DAC digital filters is in 64x oversampling mode. Under
the control of ADCOSR and DACOSR the oversampling rate may be doubled. 64x oversampling
results in a slight decrease in noise performance compared to 128x but lowers the power
consumption of the device. ADC 64x mode is not available in USB mode (USB = 1). In USB mode
ADCOSR must be set to ‘0’.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2
VXDACOSR
1
Voice DAC oversample rate
select
1 = 64x (lowest power)
0 = 128x (best SNR)
1
ADCOSR
1
ADC oversample rate select
1 = 64x (lowest power)
0 = 128x (best SNR)
R7 (07h)
Sample Rate
Control (2)
0
DACOSR
1
DAC oversample rate select
1 = 64x (lowest power)
0 = 128x (best SNR)
Table 70 ADC and DAC Oversampling Rate Selection
SAVING POWER BY REDUCING BIAS CURRENTS
There are various biasing options within the WM8753L for increasing or reducing the bias current that
is used by sections of the chip.
The control of these is via the register bits MBIASBOOST,
VDACBIASX0P5,
MICBIASBST,
BUFBIAS,
IPBIASX0P5,
ADCBIAS,
OPBIASX0P5
and
DMBIASX0P5 as shown in Figure 27. The performance of the chip may vary when the bias currents
are changed from the default.
masterbias
micpreamp
micpreamp
local biasgen
adc pga
& zc
adc pga
& zc
adc
mixinv
adc
mixinv
line
mix
rx
mix
mic
detect
alc
mix
local biasgen
mixl
mixr
mixm
dacinv
dacinv
dac
dac
voice
dac
dacinv
rec mix
local biasgen
spkr pga
& zc
spkr pga
& zc
hp pga &
zc
hp pga &
zc
mono
pga & zc
out3
out4
mono
2
clkdet
clkdet
s/h
buffer
adc
s/h
buffer
adc
BUFBIAS[1:0]
00=x1
01=x0.25
10=x0.5
11=x1.5
OPBIASX0P5
0=x1
1=x0.5
DMBIASX0P5
0=x1
1=x0.5
IPBIASX0P5
0=x1
1=x0.5
MBIASBOOST
0=x1
1=x1.5
MICBIASBST[1:0]
00=x1
01=x2
10=x3
11=x4
2
2
ADCBIAS[1:0]
00=x1
01=x0.25
10=x0.5
11=x1.5
2
VDACBIASX0P5
0=x1
1=x0.5
Figure 27 Bias Current Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com