Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8753LEB/RV Datasheet(PDF) 75 Page - Wolfson Microelectronics plc

Part # WM8753LEB/RV
Description  HI FI AND TELEPHONY DUAL CODEC
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8753LEB/RV Datasheet(HTML) 75 Page - Wolfson Microelectronics plc

Back Button WM8753LEB/RV Datasheet HTML 71Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 72Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 73Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 74Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 75Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 76Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 77Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 78Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 79Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 87 page
background image
WM8753L
Advanced Information
w
AI Rev 3.1 June 2004
75
R46 (2Eh)
0101110
ADC input mode
0
0
0
MONOMIX[1:0]
RADCSEL[1:0]
LADCSEL[1:0]
000000000
R47 (2Fh)
0101111
Input Control (1)
MIC2BOOST[1:0]
MIC1BOOST[1:0]
LMSEL[1:0]
MM
RM
LM
000000000
R48 (30h)
0110000
Input Control (2)
0
RXMSEL[1:0]
MICMUX[1:0]
LINEALC
MIC2ALC
MIC1ALC
RXALC
000000000
R49 (31h)
0110001
Left Input volume
LIVU
LINMUTE
LIZC
LINVOL[5:0]
010010111
R50 (32h)
0110010
Right Input volume
RIVU
RINMUTE
RIZC
RINVOL[5:0]
010010111
R51 (33h)
0110011
Mic Bias comp
control
MBVSEL
MICSEL[1:0]
MBSCTHRESH[1:0]
MBTHRESH[2:0]
MBCEN
000000000
R52 (34h)
0110100
Clock Control
PCMDIV[2:0]
SLWCLK
MCLK
SEL
PCM
CLKSEL
CLKEQ
GP1CLK1SEL GP2CLK2SEL
000000100
R53 (35h)
0110101
PLL1 Control (1)
0
0
0
CLK1SEL
CLK1
DIV2
MCLK1
DIV2
PLL1
DIV2
PLL1RB
PLL1EN
000000000
R54 (36h)
0110110
PLL1 Control (2)
PLL1N[3:0]
0
PLL1K [21:18]
100000011
R55 (37h)
0110111
PLL1 Control (3)
PLL1K [17:9]
000100100
R56 (38h)
0111000
PLL1 Control (4)
PLL1K [8:0]
110111010
R57 (39h)
0111001
PLL2 Control (1)
0
0
0
CLK2SEL
CLK2
DIV2
MCLK2
DIV2
PLL2
DIV2
PLL2RB
PLL2EN
000000000
R58 (3Ah)
0111010
PLL2 Control (2)
PLL2N[3:0]
0
PLL2K [21:18]
100000011
R59 (3Bh)
0111011
PLL2 Control (3)
PLL2K [17:9]
000100100
R60 (3Ch)
0111100
PLL2 Control (4)
PLL2K [8:0]
110111010
R61 (3Dh)
0111101
Bias control
VDACBIAS
X0P5
MBIAS
BOOST
MICBIASBOOST[1:0]
BUFBIAS[1:0]
IPBIAS
X0P5
ADCBIAS[1:0]
000000000
R63 (3Fh)
0111111
Additional Control
OUT4SW[1:0]
TSADEN
0
0
0
0
OPBIAS
X0P5
DMBIAS
XOP5
000000000
Table 73 Complete Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com