Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8753LEB/RV Datasheet(PDF) 57 Page - Wolfson Microelectronics plc

Part # WM8753LEB/RV
Description  HI FI AND TELEPHONY DUAL CODEC
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8753LEB/RV Datasheet(HTML) 57 Page - Wolfson Microelectronics plc

Back Button WM8753LEB/RV Datasheet HTML 53Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 54Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 55Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 56Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 57Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 58Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 59Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 60Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 61Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 87 page
background image
WM8753L
Advanced Information
w
AI Rev 3.1 June 2004
57
AUDIO INTERFACES CONTROL
The register bits controlling audio format, word length and master / slave mode are summarised
below. Each audio interface can be controlled individually.
MS selects hi-fi audio interface operation in master or slave mode. In Master mode BCLK, and LRC
are outputs. The frequency of LRC is set by the sample rate control bits SR[4:0] and USB. In Slave
mode BCLK, and LRC are inputs. PMS selects voice audio interface operation in master or slave
mode. In master mode VXCLK and VXFS are outputs. The frequency of VXFS is set by PSR. In
slave mode VXCLK and VXFS are inputs. The frequency of BCLK and VXCLK may also be selected
by the user under the control of BMODE[2:0] and PBMODE[2:0]. BCLK and VXCLK are divided down
versions of master clock and in some settings of BMODE and PBMODE this may result in short BCLK
and VXCLK pulses at the end of a frame due to a non-integer ratio of BCLKs or VXCLKS to LRC and
VXFS.
The WM8753 audio interfaces can be used together in the following modes, under the control of
IFMODE[1:0]:
1.
Voice Codec operating over Voice interface, with HiFi DAC operating over HiFi interface.
2.
Voice Codec operating over HiFi interface, with HiFi DAC disabled.
3.
Voice DAC disabled, with HiFi ADC and DAC over HiFi interface.
4.
Voice DAC disabled, with HiFi ADC and DAC over HiFi interface, using VXFS as framing signal
for ADC data, allowing different sample rates for ADC and DAC.
Additionally each interface can operate in a partial master mode, where the bit clock (BCLK or
VXCLK) is generated by the WM8753L, but the framing signal (LRC or VXFS) is derived externally.
This mode of operation is selected by selecting Master Mode (by setting MS and/or PMS) and then
setting LRCOE and/or VXFSOE to ‘0’ to select LRC and/or VXFS as inputs. In Slave mode (MS and
PMS = 0) LRC and VXFS are always inputs.
The HiFi DAC audio interface setup is controlled using WL[1:0], FORMAT[1:0] and BCLKINV. The
Voice DAC and ADC audio interface setup is controlled using PWL[1:0], PFORMAT[1:0] and
VXCLKINV. This allows flexibility in configuring the Voice DAC and ADC separately from the HiFi
DAC. Table 50, Table 51 and Table 52 show the configuration for the different interface modes.
1.
For Voice Codec and HiFi DAC mode (IFMODE[1:0] = 00) where the Voice DAC and ADC use
the Voice interface the wordlength and format for the voice DAC and ADC are set by PWL[1:0]
and PFORMAT[1:0]. The wordlength and format for the HiFi DAC using the HiFi interface are set
by WL[1:0] and FORMAT[1:0].
2.
For Voice Codec on HiFi interface mode (IFMODE[1:0] = 01) where the Voice DAC and ADC
use the HiFi interface the wordlength and format for the voice DAC and ADC are set by
PWL[1:0] and PFORMAT[1:0].
3.
For HiFi Codec mode (IFMODE[1:0]=10) when the DAC and ADC both use the HiFi interface,
the wordlength and format for the HiFi DAC are set by WL[1:0] and FORMAT[1:0] and the
wordlength and format for the ADC are set by PWL[1:0] and PFORMAT[1:0]. In this mode ADC
and DAC share the same BCLK and LRC but the format and wordlength for the ADC and DAC
can be configured differently.
4.
For HiFi Codec mode with ADC and DAC at different sample rates (IFMODE[1:0]=11) when the
DAC uses LRC and BCLK and the ADC uses VXFA and BCLK , the wordlength and format for
the HiFi DAC are set by WL[1:0] and FORMAT[1:0] and the wordlength and format for the ADC
are set by PWL[1:0] and PFORMAT[1:0]. In this mode ADC and DAC share the same BCLK but
the format and wordlength for the ADC and DAC can be configured differently.
ADC data is usually output on either ADCDAT or VXDOUT. Under the control of ADCDOP, ADC
data can be output on ADCDAT and VXDOUT at the same time.
The data on ADCDAT and
VXDOUT will be synchronous to either LRC and BCLK or VXFS and VXCLK as set by IFMODE[1:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com