Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8753LEB/RV Datasheet(PDF) 53 Page - Wolfson Microelectronics plc

Part # WM8753LEB/RV
Description  HI FI AND TELEPHONY DUAL CODEC
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8753LEB/RV Datasheet(HTML) 53 Page - Wolfson Microelectronics plc

Back Button WM8753LEB/RV Datasheet HTML 49Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 50Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 51Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 52Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 53Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 54Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 55Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 56Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 57Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 87 page
background image
WM8753L
Advanced Information
w
AI Rev 3.1 June 2004
53
DIGITAL AUDIO INTERFACES
The WM8753L has two audio interfaces – a hi-fi audio interface and a voice audio interface. The hi-fi
audio interface is used for the input of data to the hi-fi DAC and may also be used to output data from
the stereo voice ADC. The voice audio interface is used for the input of data to the voice DAC and for
output of data from the voice ADC.
HI-FI AUDIO INTERFACE
The Hi-Fi audio interface has four pins:
•
ADCDAT: ADC data output
•
DACDAT: DAC data input
•
LRC: Data alignment clock
•
BCLK: Bit clock, for synchronisation
The clock signals BCLK, and LRC can be outputs when the WM8753L operates as a master, or
inputs when it is a slave (see Master and Salve Mode Operation, below).
Four different audio data formats are supported:
•
Left justified
•
Right justified
•
I
2S
•
DSP mode
All four of these modes are MSB first. They are described in Audio Data Formats, below. Refer to the
Electrical Characteristic section for timing information.
VOICE AUDIO INTERFACE
The voice audio interface has four pins:
•
VXDOUT: voice ADC data output
•
VXDIN: voice DAC data input
•
VXFS: data alignment clock or frame sync
•
VXCLK: Bit clock, for synchronisation
The clock signals VXCLK, and VXFS can be outputs when the WM8753L operates as a master, or
inputs when it is a slave (see Master and Slave Mode Operation, below). A mixed master/slave mode
is also supported where BCLK and VXCLK are outputs from the WM8753L but DACLRC, ADCLRC
and VXFS are inputs.
The same four audio modes are supported. The interface can also operate in mono mode where only
the left or right channel data is transferred. The DATASEL bits can be used to configure which of the
ADCs data is output.
MASTER AND SLAVE MODE OPERATION
The WM8753L audio interfaces may be individually configured as either master or slave interfaces.
As a master Hi-Fi interface device the WM8753L generates BCLK and LRC and thus controls
sequencing of the data transfer on ADCDAT and DACDAT. As a master voice interface device the
WM8753L generates VXCLK and VXFS and thus controls sequencing of the data transfer on VXDIN
and VXDOUT. In slave modes, the WM8753L responds with data to clocks it receives over the digital
audio interfaces. These modes can be selected by writing to the MS and PMS bits. With the interface
configured as a Master the LRC and VXFS outputs may be disabled and configured as inputs using
LRCOE and VXFSOE for an external frame sync from the controller to be input. In this mode the
generated LRC and VXFS must adhere to the timing requirements diagrams detailed in the Signal
Timing Requirements section on page 8. Master, slave and mixed modes are illustrated below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com