Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8753LEB/RV Datasheet(PDF) 59 Page - Wolfson Microelectronics plc

Part # WM8753LEB/RV
Description  HI FI AND TELEPHONY DUAL CODEC
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8753LEB/RV Datasheet(HTML) 59 Page - Wolfson Microelectronics plc

Back Button WM8753LEB/RV Datasheet HTML 55Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 56Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 57Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 58Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 59Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 60Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 61Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 62Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 63Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 87 page
background image
WM8753L
Advanced Information
w
AI Rev 3.1 June 2004
59
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7
BCLKINV
0
Hi-Fi DAC BCLK invert bit (for master
and slave modes)
0 = BCLK not inverted
1 = BCLK inverted
6
MS
0
Hi-Fi Interface Master / Slave Mode
Control
1 = Enable Master Mode
0 = Enable Slave Mode
5
LRSWAP
0
Hi-Fi DAC Left/Right channel swap
1 = swap left and right DAC data in
audio interface
0 = output left and right data as normal
Hi-Fi DAC right, left and I
2S modes –
LRC polarity
1 = invert LRC polarity
0 = normal LRC polarity
4
LRP
0
Hi-Fi DAC DSP Mode – mode A/B select
1 = MSB is available on 1
st BCLK rising
edge after LRC rising edge (mode B)
0 = MSB is available on 2
nd BCLK rising
edge after LRC rising edge (mode A)
3:2
WL[1:0]
10
Hi-Fi DAC Audio Data Word Length
11 = 32 bits (see Note)
10 = 24 bits
01 = 20 bits
00 = 16 bits
R4 (04h)
Digital
Hi-Fi
Audio
Interface
Format
1:0
FORMAT[1:0]
10
Hi-Fi DAC Audio Data Format Select
11 = DSP Mode
10 = I
2S Format
01 = Left justified
00 = Right justified
Table 53 Audio Data Format Control
Note: Right Justified mode does not support 32-bit data.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8:6
PBMODE [2:0]
000
Voice Interface Master mode VXCLK
rate select
000 : VXCLK = MCLK
001 : VXCLK = MCLK / 2
010 : VXCLK = MCLK / 4
011 : VXCLK = MCLK / 8
100 : VXCLK = MCLK / 16
R7 (07h)
Digital
Audio
Interface
Control
5:3
BMODE [2:0]
000
HiFi Interface Master mode BCLK rate
select
000 : BCLK = MCLK
001 : BCLK = MCLK / 2
010 : BCLK = MCLK / 4
011 : BCLK = MCLK / 8
100 : BCLK = MCLK / 16
Table 54 BCLK and VXCLK Master Mode Rate Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com