Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8753LEB/RV Datasheet(PDF) 61 Page - Wolfson Microelectronics plc

Part # WM8753LEB/RV
Description  HI FI AND TELEPHONY DUAL CODEC
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8753LEB/RV Datasheet(HTML) 61 Page - Wolfson Microelectronics plc

Back Button WM8753LEB/RV Datasheet HTML 57Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 58Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 59Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 60Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 61Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 62Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 63Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 64Page - Wolfson Microelectronics plc WM8753LEB/RV Datasheet HTML 65Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 87 page
background image
WM8753L
Advanced Information
w
AI Rev 3.1 June 2004
61
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3:2
IFMODE [1:0]
00
Interface mode
00 = Voice Codec + HiFi DAC.
01 = Voice Codec on HiFi interface.
10 = HiFi over HiFi interface.
11 = HiFi over HiFi interface, using
VXFS for ADC frame sync.
1
VXFSOE
1
Configures direction of VXFS pin in
master mode
0 = Pin is input
1 = Pin is output
R5 (05h)
Digital
Audio
Interface
Control
0
LRCOE
1
Configures direction of LRC pin in
master mode
0 = Pin is input
1 = Pin is output
Table 56 Audio Interface Control
Control bits VXCLKTRI, BCLKTRI, VXDTRI and ADCDTRI configure the Hi-Fi and Voice
interface pins BCLK, VXCLK, ADCDAT and VXDOUT as inputs or tristate. This allows the I
2S
and PCM interfaces to be connected to an interface bus and all outputs onto the bus tristated
or switched to inputs. The default state for all audio interface PMS is input or tristate.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7
VXCLKTRI
0
VXCLK tristate
0 = VXCLK pin configured as input or
output as set by PMS
1 = VXCLK pin tristated and used as
input
6
BCLKTRI
0
BCLK tristate
0 = BCLK pin configured as input or
output as set by MS
1 = BCLK pin tristated and used as input
5
VXDTRI
1
VXDOUT tristate
0 = VXDOUT pin enabled as output
1 = VXDOUT pin tristated
R5 (05h)
Digital Audio
Interface
Control
4
ADCDTRI
1
ADCDAT tristate
0 = ADCDAT pin enabled as output
1 = ADCDAT pin tristated
Table 57 PCM and Hi-Fi Interface Tristate
CONTROL INTERFACE
SELECTION OF CONTROL MODE AND 2-WIRE MODE ADDRESS
The control interface can operate as either a 3-wire or 2-wire MPU interface. The MODE/GPIO3 pin is
sampled at power-up, latched and used to select the interface format. After power-up MODE/GPIO3
is available for general purpose use. The CSB/GPIO5 pin is also sampled and latched on power-up
and, if 2-wire mode is selected, the latched value selects the 2-wire mode address. For 3-wire mode
CSB/GPIO5 is always an input. After power-up in 2-wire mode CSB/GPIO5 is available for general
purpose use. See MODE/GPIO3 and CSB/GPIO5 LATCH on Power-up Timing Information on page
9.
The WM8753L is controlled by writing to registers through a serial control interface. A control word
consists of 16 bits. The first 7 bits (B15 to B9) are address bits that select which control register is
accessed. The remaining 9 bits (B8 to B0) are register bits, corresponding to the 9 bits in each control
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com