Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8778 Datasheet(PDF) 44 Page - Wolfson Microelectronics plc

Part # WM8778
Description  24 BIT 192KHZ STEREO CODEC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8778 Datasheet(HTML) 44 Page - Wolfson Microelectronics plc

Back Button WM8778 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 48Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 50 page
background image
WM8778
Product Preview
w
PP Rev 1.7 June 2004
44
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
Maximum Attenuation of PGA
3:0
MAXATTEN
[3:0]
0110
Limiter
(attenuation below static)
0011 or lower: -3dB
0100: -4dB
…. (-1dB steps)
1100 or higher: -12dB
ALC
(lower PGA gain limit)
1010 or lower: -1dB
1011 : -5dB
….. (-4dB steps)
1110 : -17dB
1111 : -21dB
R20 (14h)
0010100
Limiter
Control
6:4
TRANWIN [2:0]
010
Length of Transient Window:
000: 0us (disabled)
001: 62.5us
010: 125us
…..
111: 4ms
6
MUTERA
0
Mute for Right Channel ADC:
0: Mute off
1: Mute on
7
MUTELA
0
Mute for Left Channel ADC:
0: Mute off
1: Mute on
R21 (15h)
0010101
ADC Mux
Control
8
LRBOTH
0
Right Channel Input PGA Controlled by Left Channel Register:
0 : Right channel uses RAG and MUTERA.
1 : Right channel uses LAG and MUTELA.
0
MXDAC
1
(DAC
playback)
VOUT Output Select DAC (see Figure 22)
R22 (16h)
0010110
Output Mux
2
MXBYP
0
(not selected)
VOUT Output Select Bypass Path.
R23 (17h)
0010111
Software
Reset
[8:0]
RESET
Not reset
Writing to this register will apply a reset to the device registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com