Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8778 Datasheet(PDF) 35 Page - Wolfson Microelectronics plc

Part # WM8778
Description  24 BIT 192KHZ STEREO CODEC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8778 Datasheet(HTML) 35 Page - Wolfson Microelectronics plc

Back Button WM8778 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 39Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
Product Preview
WM8778
w
PP Rev 1.7 June 2004
35
MAXIMUM GAIN (ALC ONLY) AND MAXIMUM ATTENUATION
To prevent low level signals being amplified too much by the ALC, the MAXGAIN register sets the
upper limit for the gain. This prevents low level noise being over-amplified. The MAXGAIN register
has no effect on the limiter operation.
The
register has different operation for the limiter and for the ALC. For the limiter it defines the maximum
attenuation below the static (user programmed) gain. For the ALC, it defines the lower limit for the
gain.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16 (10h)
0010000
ALC Control 1
6:4
MAXGAIN
111
(+24dB)
Set Maximum Gain for the PGA (ALC
only):
111 : +24dB
110 : +20dB
…..(-4dB steps)
010 : +4dB
001 : 0dB
000 : 0dB
Maximum Attenuation of PGA
R20 (14h)
0010100
Limiter Control
3:0
MAXATTEN
0110
Limiter
(attenuation
below static)
0011 or lower
: -3dB
0100: -4dB
…. (-1dB steps)
1100 or higher
: -12dB
ALC (lower PGA
gain limit)
1010 or lower
: -1dB
1011 : -5dB
….. (-4dB steps)
1110 : -17dB
1111 : -21dB
HOLD TIME (ALC ONLY)
The ALC also has a hold time, which is the time delay between the peak level detected being below
target and the PGA gain beginning to ramp up. It can be programmed in power-of-two (2
n) steps, e.g.
2.67ms, 5.33ms, 10.67ms etc. up to 43.7ms. Alternatively, the hold time can also be set to zero. The
hold time only applies to gain ramp-up, there is no delay before ramping the gain down when the
signal level is above target.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R17 (11h)
0010001
ALC Control 2
3:0
HLD[3:0]
0000
ALC Hold Time Before Gain is
Increased:
0000: 0ms
0001: 2.67ms
0010: 5.33ms
… (time doubles with every step)
1111: 43.691s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com