Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8778 Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8778
Description  24 BIT 192KHZ STEREO CODEC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8778 Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8778 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
Product Preview
WM8778
w
PP Rev 1.7 June 2004
11
3-WIRE MPU INTERFACE TIMING
CE
CL
DI
t
CSL
t
DHO
t
DSU
t
CSH
t
SCY
t
SCH
t
SCL
t
SCS
LSB
t
CSS
Figure 6 SPI Compatible (3-wire) Control Interface Input Timing (MODE=1)
Test Conditions
AVDD = 5V, DVDD = 3.3V, AGND, DGND = 0V, TA = +25
oC, fs = 48kHz, MCLK = 256fs unless otherwise stated
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
CL rising edge to CE rising edge
tSCS
60
ns
CL pulse cycle time
tSCY
80
ns
CL pulse width low
tSCL
30
ns
CL pulse width high
tSCH
30
ns
DI to CL set-up time
tDSU
20
ns
CL to DI hold time
tDHO
20
ns
CE pulse width low
tCSL
20
ns
CE pulse width high
tCSH
20
ns
CE rising to CL rising
tCSS
20
ns
Table 4 3-wire SPI Compatible Control Interface Input Timing Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com