Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8778 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8778
Description  24 BIT 192KHZ STEREO CODEC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8778 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8778 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
w
WM8778
24-bit, 192kHz Stereo Codec
WOLFSON MICROELECTRONICS plc
w :: www.wolfsonmicro.com
Product Preview, June 2004, Rev 1.7
Copyright
2004 Wolfson Microelectronics plc
DESCRIPTION
The WM8778 is a high performance, stereo audio codec.
It is ideal for surround sound processing applications for
home hi-fi, DVD-RW and other audio visual equipment.
The stereo 24-bit multi-bit sigma delta ADC has
programmable gain with automatic level control. Digital
audio output word lengths from 16-32 bits and sampling
rates from 32kHz to 96kHz are supported.
A stereo multi-bit sigma delta DAC is used with digital
audio input word lengths from 16-32 bits and sampling
rates from 32kHz to 192kHz. A multiplexor after the DAC
allows the selection of either an external analogue input
or DAC playback into the line outputs.
The WM8778 supports fully independent sample rates
for the ADC and DAC. The audio data interface supports
I
2S, left justified, right justified and DSP formats.
The device is controlled in software via a 2 or 3 wire
serial interface which provides access to all features
including volume controls, mutes, and de-emphasis
facilities. It can also be controlled in hardware which
gives access to the most commonly used features.
Control interface selection is done via the MODE pin (tri-
level). The device is available in a 28-pin SSOP package.
FEATURES
•
Audio Performance
−
108dB SNR (‘A’ weighted @ 48kHz) DAC
−
102dB SNR (‘A’ weighted @ 48kHz) ADC
•
DAC Sampling Frequency: 32kHz – 192kHz
•
ADC Sampling Frequency: 32kHz – 96kHz
•
Stereo ADC input analogue gain adjust from +24dB to –21dB
in 0.5dB steps
•
ADC digital gain from -21.5dB to -103dB in 0.5dB steps
•
Programmable Automatic Level Control (ALC) or Limiter on
ADC input.
•
Stereo DAC with analogue line outputs.
•
3-Wire SPI Compatible or 2-wire Serial Control Interface
•
Hardware Control Mode
•
Master or Slave Clocking Mode
•
Programmable Audio Data Interface Modes
−
I
2S, Left, Right Justified or DSP
−
16/20/24/32 bit Word Lengths
•
Analogue Bypass Path Feature
•
2.7V to 5.5V Analogue, 2.7V to 3.6V Digital supply Operation
APPLICATIONS
BLOCK DIAGRAM
•
Surround Sound AV Processors and Hi-Fi systems
•
DVD-RW


Similar Part No. - WM8778

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8778 WOLFSON-WM8778 Datasheet
528Kb / 50P
24-bit, 192kHz Stereo CODEC
WM8778SEDS WOLFSON-WM8778SEDS Datasheet
528Kb / 50P
24-bit, 192kHz Stereo CODEC
WM8778SEDS/R WOLFSON-WM8778SEDS/R Datasheet
528Kb / 50P
24-bit, 192kHz Stereo CODEC
WM8778 WOLFSON-WM8778_05 Datasheet
528Kb / 50P
24-bit, 192kHz Stereo CODEC
More results

Similar Description - WM8778

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8569 WOLFSON-WM8569 Datasheet
417Kb / 36P
24-bit, 192kHz Stereo CODEC with Volume Control
WM8774 WOLFSON-WM8774 Datasheet
367Kb / 42P
24 - bit, 192kHz 8 - Channel Input Stereo Codec
WM8590 WOLFSON-WM8590 Datasheet
554Kb / 51P
24-bit, 192kHz Stereo CODEC
WM8569 WOLFSON-WM8569_06 Datasheet
449Kb / 36P
24-bit, 192kHz Stereo CODEC with Volume Control
WM8590 WOLFSON-WM8590_06 Datasheet
538Kb / 51P
24-bit, 192kHz Stereo CODEC
WM8591_051 WOLFSON-WM8591_051 Datasheet
535Kb / 51P
24-bit, 192kHz Stereo CODEC
WM8778 WOLFSON-WM8778_05 Datasheet
528Kb / 50P
24-bit, 192kHz Stereo CODEC
WM8785 WOLFSON-WM8785_06 Datasheet
313Kb / 31P
24-Bit, 192kHz Stereo ADC
logo
Asahi Kasei Microsystem...
AK4621 AKM-AK4621 Datasheet
532Kb / 41P
24-Bit 192kHz Stereo Audio CODEC
AK4430ET AKM-AK4430ET Datasheet
365Kb / 18P
192kHz 24-Bit Stereo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com