Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8778 Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM8778
Description  24 BIT 192KHZ STEREO CODEC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8778 Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM8778 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 27Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
Product Preview
WM8778
w
PP Rev 1.7 June 2004
23
HARDWARE MODE
Hardware mode is selected by applying a midrail voltage to the MODE pin, or by leaving it floating.
The circuit detects this condition and enables hardware mode. This allows limited control of the
internal functions using the three inputs CE, CL and DI. The table below gives a summary of the use
of each pin in hardware mode.
PIN NAME
FUNCTION
DESCRIPTION
CE\I2S
Interface Mode select
0 : Right Justified
1 : I
2S
CL\IWL
Interface Wordlength select
0 : 20 bit (RJ), 16 bit (I
2S)
1 : 24 bit
DI\DEEMPH
De-emphasis on/off
0 : De-emphasis disabled
1 : De-emphasis enabled
Table 12 Hardware Mode Functions
CONTROL INTERFACE REGISTERS
DIGITAL AUDIO INTERFACE CONTROL REGISTER
Interface format is selected via the FMT[1:0] register bits:
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R10 (0Ah)
0001010
DAC Interface Control
1:0
DACFMT
[1:0]
10
R11 (0Bh)
0001011
ADC Interface Control
1:0
ADCFMT
[1:0]
10
Interface format Select
00 : right justified mode
01: left justified mode
10: I
2S mode
11: DSP (early or late) mode
In left justified, right justified or I
2S modes, the LRP register bit controls the polarity of
ADCLRC/DACLRC. If this bit is set high, the expected polarity of ADCLRC/DACLRC will be the
opposite of that shown Figure 12, Figure 13, etc. Note that if this feature is used as a means of
swapping the left and right channels, a 1 sample phase difference will be introduced. In DSP modes,
the LRP register bit is used to select between early and late modes.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R10 (0Ah)
0001010
DAC Interface Control
2
DACLRP
0
R11 (0Bh)
0001011
ADC Interface Control
2
ADCLRP
0
In left/right/ I
2S modes:
ADCLRC/DACLRC Polarity (normal)
0 : normal ADCLRC/DACLRC
polarity
1: inverted ADCLRC/DACLRC
polarity
In DSP mode:
0 : Early DSP mode
1: Late DSP mode
By default, ADCLRC, DACLRC and DIN are sampled on the rising edge of ADCBCLK and
DACBCLK
and should ideally change on the falling edge. Data sources that change
ADCLRC/DACLRC and DIN on the rising edge of ADCBCLK/DACBCLK can be supported by setting
the BCP register bit. Setting BCP to 1 inverts the polarity of BCLK to the inverse of that shown in
Figure 12, Figure 13, etc.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R10 (0Ah)
0001010
DAC Interface Control
3
DACBCP
0
R11 (0Bh)
0001011
ADC Interface Control
3
ADCBCP
0
BCLK Polarity (DSP modes)
0 : normal BCLK polarity
1: inverted BCLK polarity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com