Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8778 Datasheet(PDF) 30 Page - Wolfson Microelectronics plc

Part # WM8778
Description  24 BIT 192KHZ STEREO CODEC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8778 Datasheet(HTML) 30 Page - Wolfson Microelectronics plc

Back Button WM8778 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 34Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
WM8778
Product Preview
w
PP Rev 1.7 June 2004
30
ADC GAIN CONTROL
The ADC has an analogue input PGA and digital gain control for each stereo channel. Both the
analogue and digital gains are adjusted by the same register, LAG for the left and RAG for the right.
The analogue PGA has a range of +24dB to -21dB in 0.5dB steps. The digital gain control allows
further attenuation (after the ADC) from -21.5dB to -103dB in 0.5dB steps. Table 14 shows how the
register maps the analogue and digital gains.
LAG/RAG[7:0]
ATTENUATION
LEVEL (AT
OUTPUT)
ANALOGUE PGA
DIGITAL
ATTENUATION
00(hex)
-
∞ dB (mute)
-21dB
Digital mute
01(hex)
-103dB
-21dB
-82dB
:
:
:
:
A4(hex)
-21.5dB
-21dB
-0.5dB
A5(hex)
-21dB
-21dB
0dB
:
:
:
:
CF(hex)
0dB
0dB
0dB
:
:
:
:
FE(hex)
+23.5dB
+23.5dB
0dB
FF(hex)
+24dB
+24dB
0dB
Table 14 Analogue and Digital Gain Mapping for ADC
In addition a zero cross detect circuit is provided for the input PGA. When ZCLA/ZCRA is set with a
write, the gain will update only when the input signal approaches zero (midrail). This minimises
audible clicks and ‘zipper’ noise as the gain values change. A timeout clock is also provided which
will generate an update after a minimum of 131072 master clocks (= ~10.5ms with a master clock of
12.288MHz). The timeout clock may be disabled by setting TOD.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R7 (07h)
0000111
Timeout Clock Disable
3
TOD
0
Analogue PGA Zero Cross Detect
Timeout Disable
0 : Timeout enabled
1: Timeout disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com