Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8778 Datasheet(PDF) 22 Page - Wolfson Microelectronics plc

Part # WM8778
Description  24 BIT 192KHZ STEREO CODEC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8778 Datasheet(HTML) 22 Page - Wolfson Microelectronics plc

Back Button WM8778 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 26Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
WM8778
Product Preview
w
PP Rev 1.7 June 2004
22
1.
B[15:9] are Control Address Bits
2.
B[8:0] are Control Data Bits
3.
CE is edge sensitive – the data is latched on the rising edge of CE.
2-WIRE SERIAL CONTROL MODE
The WM8778 supports software control via a 2-wire serial bus. Many devices can be controlled by
the same bus, and each device has a unique 7-bit address (this is not the same as the 7-bit address
of each register in the WM8778).
The WM8778 operates as a slave device only. The controller indicates the start of data transfer with
a high to low transition on DI while CL remains high. This indicates that a device address and data
will follow. All devices on the 2-wire bus respond to the start condition and shift in the next eight bits
on DI (7-bit address + Read/Write bit, MSB first). If the device address received matches the address
of the WM8778 and the R/W bit is ‘0’, indicating a write, then the WM8778 responds by pulling DI low
on the next clock pulse (ACK). If the address is not recognised or the R/W bit is ‘1’, the WM8778
returns to the idle condition and wait for a new start condition and valid address.
Once the WM8778 has acknowledged a correct address, the controller sends the first byte of control
data (B15 to B8, i.e. the WM8778 register address plus the first bit of register data). The WM8778
then acknowledges the first data byte by pulling DI low for one clock pulse. The controller then sends
the second byte of control data (B7 to B0, i.e. the remaining 8 bits of register data), and the WM8778
acknowledges again by pulling DI low.
The transfer of data is complete when there is a low to high transition on DI while CL is high. After
receiving a complete address and data sequence the WM8778 returns to the idle state and waits for
another start condition. If a start or stop condition is detected out of sequence at any point during
data transfer (i.e. DI changes while CL is high), the device jumps to the idle condition.
Figure 20 2-wire Serial Interface
1.
B[15:9] are Control Address Bits
2.
B[8:0] are Control Data Bits
The WM8778 has two possible device addresses, which can be selected using the CE pin.
CE STATE
DEVICE ADDRESS
Low
0011010 (0 x 34h)
High
0011011 (0 x 36h)
Table 11 2-Wire MPU Interface Address Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com