Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8778 Datasheet(PDF) 48 Page - Wolfson Microelectronics plc

Part # WM8778
Description  24 BIT 192KHZ STEREO CODEC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8778 Datasheet(HTML) 48 Page - Wolfson Microelectronics plc

Back Button WM8778 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8778 Datasheet HTML 50Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 48 / 50 page
background image
WM8778
Product Preview
w
PP Rev 1.7 June 2004
48
APPLICATIONS INFORMATION
RECOMMENDED EXTERNAL COMPONENTS
It is recommended that a low pass filter be applied to the output from the DAC for hi-fi applications.
Typically a second order filter is suitable and provides sufficient attenuation of high frequency
components (the unique low order, high bit count multi-bit sigma delta DAC structure used in
WM8778 produces much less high frequency output noise). This filter is typically also used to
provide the 2x gain needed to provide the standard 2Vrms output level from most consumer
equipment. Figure 34 shows a suitable post DAC filter circuit, with 2x gain. Alternative inverting filter
architectures might also be used with as good results.
+
_
+
+VS
-VS
10uF
51
Ω
7.5K
Ω
680pF
1.8k
Ω
10k
Ω
4.7k
Ω
4.7k
Ω
1.0nF
Figure 38 Recommended Post DAC Filter Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com