Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8955 Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM8955
Description  STEREO DAC FOR PORTABLE AUDIO APPLICATIONS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8955 Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM8955 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
Product Preview
WM8955L
w
Product Preview Rev 0.4 May2003
5
ELECTRICAL CHARACTERISTICS
Test Conditions
DCVDD = 1.5V, AVDD = HPVDD = 3.3V, TA =+25
oC, 1kHz signal, fs = 48kHz, 24-bit audio data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DAC to Line-Out (LOUT1/2, ROUT1/2, MONOOUT with 10k
Ω
Ω
Ω
Ω / 50pF load)
AVDD = 3.3V
98
Signal to Noise Ratio
(A-weighted)
SNR
AVDD = 1.8V
95
dB
AVDD = 3.3V
-95
Total Harmonic Distortion
THD
AVDD = 1.8V
-90
dB
Channel Separation
1kHz signal
90
dB
Analogue Mixer Inputs (LINEINL, LINEINR, MONOIN)
AVDD = 3.3V
1.0
Full-scale Input Signal Level
VINFS
AVDD = 1.8V
0.516
Vrms
AVDD = 3.3V
95
Signal to Noise Ratio
Line-in to Line-Out
(A-weighted)
SNR
AVDD = 1.8V
90
dB
AVDD = 3.3V
-92
dB
Total Harmonic Distortion
THD
AVDD = 1.8V
-92
dB
PGA gain = 0dB
20
Input Resistance
(signal enters one mixer only)
PGA gain = +6dB
10
PGA gain = 0dB
10
Input Resistance
(signal enters two mixers)
RLINEIN
PGA gain = +6dB
5
k
Ω
MONOIN- input resistance
RMONOIN-
anygain
20
k
Ω
Programmable Gain
-15
+6
dB
Programmable Gain Step Size
Monotonic
3
dB
Mute Attenuation
TBD
dB
Analogue Outputs (LOUT1/2, ROUT1/2, MONOOUT)
0dB Full scale output voltage
AVDD/3.3
Vrms
Programmable Gain
1kHz signal
-67
+6
dB
Programmable Gain Steps
Monotonic
80
steps
Mute attenuation
1kHz, full scale signal
85
dB
Channel Separation
80
90
dB
Headphone Output (LOUT1/2, ROUT1/2 with 16 or 32 Ohm load)
Output Power per channel
PO
Output power is verycloselycorrelated with THD; see below.
HPVDD=1.8V, RL=32
Ω
PO=5mW
0.013
-78
HPVDD=1.8V, RL=16
Ω
PO=5mW
0.013
-78
HPVDD=3.3V, RL=32
Ω,
PO=20mW
0.01
-80
Total Harmonic Distortion
THD
HPVDD=3.3V, RL=16
Ω,
PO=20mW
0.01
-80
%
dB
HPVDD = 3.3V
90
dB
Signal to Noise Ratio
(A-weighted)
SNR
HPVDD = 1.8V
90
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com