Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8955 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8955
Description  STEREO DAC FOR PORTABLE AUDIO APPLICATIONS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8955 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8955 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
WM8955L
STEREO DAC FOR PORTABLE AUDIO APPLICATIONS
WOLFSON MICROELECTRONICS PLC
www.wolfsonmicro.com
Product Preview, May2003, Rev 0.4
Copyright
2003 Wolfson Microelectronics plc
DESCRIPTION
The WM8955L is a low power, high qualitystereo DAC with
integrated headphone and loudspeaker amplifiers, designed
to reduce external component requirements in portable digital
audio applications.
The on-chip headphone amplifiers can deliver 40mW into a
16
Ω load. Advanced on-chip digital signal processing
performs bass and treble tone control.
The WM8955L can operate as a master or a slave, and
includes an on-chip PLL. It can use most master clock
frequencies commonlyfound in portable sy
stems, including
USB, GSM, CDMA or PDC clocks, or standard 256fs clock
rates. Different audio sample rates such as 48kHz, 44.1kHz,
8kHz and manyothers are supported.
The WM8955L operates on supplyvoltages from 1.8V up to
3.6V, although the digital core can operate on a separate
supplydown to 1.42V, saving power. Different sections of the
chip can also be powered down under software control.
The WM8955L is supplied in a verysmall and thin 5x5mm
QFN package, ideal for use in hand-held and portable
systems.
FEATURES
•
DAC SNR 98dB, THD -95dB (‘A’ weighted @ 48kHz, 3.3V)
•
On-chip 400mW BTL Speaker Driver (mono)
•
On-chip Headphone Driver
° 40mW output power on 16Ω /3.3V
° THD –80dB at 20mW, SNR 90dB with 16Ω load
•
Stereo and Mono Line-in mix into DAC output
•
SeparatelyMixed Stereo and Mono Outputs
•
Digital Tone Control and Bass Boost
•
Low Power
° Down to 7mW for stereo playback (1.8V / 1.5V supplies)
° 10µW StandbyMode
•
Low SupplyVoltages
° Analogue 1.8V to 3.6V
° Digital core: 1.42V to 3.6V
° Digital I/O: 1.42V to 3.6V
•
Master clocks supported: GSM, CDMA, PDC, USB or
standard audio clocks
•
Audio sample rates supported: 8, 11.025, 12, 16, 22.05, 24,
32, 44.1, 48, 88.2, 96kHz
•
32-pin QFN package, 5x5x0.9mm size, 0.5mm lead pitch
APPLICATIONS
•
Smartphone / Multimedia Phone
•
Digital Audio Player
BLOCK DIAGRAM
DAC
LI2LO
MI2LO
MI2RO
RI2RO
LI2MO
RI2MO
LD2LO
RD2LO
LD2MO
RD2MO
LD2RO
RD2RO
LEFT
MIXER
RIGHT
MIXER
MONO
MIXER
HPDETECT
DCVDD
DBVDD
DGND
DIGITAL
FILTERS
TONE
CONTROL
DIGITAL
AUDIO
INTERFACE
BCLK
DACDAT
DACLRC
50K
50K
W
WM8955L
DAC
CONTROL
INTERFACE
CSB
SDIN
SCLK
MODE
ROUT1VOL
LOUT1VOL
MONOVOL
LOUT1
ROUT1
MONOOUT
LOUT2
ROUT2
-1
ROUT2
INV
Loudspeaker
L - (-R)
=L+R
ROUT2VOL
LOUT2VOL
OUT3
VREF
MONOOUT
M
U
X
ROUT1
VREF
-1
DIFF. IN
MCLK
f/2
PLL
CLKOUT
f/2
MCLK
SEL
CLKOUT
SEL
MCLK
DIV2
CLKOUT
DIV2


Similar Part No. - WM8955

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8955BLGECO/RV WOLFSON-WM8955BLGECO/RV Datasheet
687Kb / 44P
Stereo DAC For Portable Audio Applications
WM8955BLGECO/V WOLFSON-WM8955BLGECO/V Datasheet
687Kb / 44P
Stereo DAC For Portable Audio Applications
WM8955BL WOLFSON-WM8955BL_07 Datasheet
687Kb / 44P
Stereo DAC For Portable Audio Applications
WM8955LSEFL WOLFSON-WM8955LSEFL Datasheet
646Kb / 46P
Stereo DAC For Portable Audio Applications
WM8955LSEFL/R WOLFSON-WM8955LSEFL/R Datasheet
646Kb / 46P
Stereo DAC For Portable Audio Applications
More results

Similar Description - WM8955

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8750L WOLFSON-WM8750L Datasheet
661Kb / 56P
STEREO CODEC FOR PORTABLE AUDIO APPLICATIONS
WM8751L WOLFSON-WM8751L Datasheet
495Kb / 45P
STEREO DAC FOR PORTABLE AUDIO APPLICATIONS
WM8987L WOLFSON-WM8987L Datasheet
739Kb / 58P
Stereo CODEC for Portable Audio Applications
WM8750BL WOLFSON-WM8750BL Datasheet
731Kb / 59P
Stereo CODEC for Portable Audio Applications
WM8955 WOLFSON-WM8955_06 Datasheet
646Kb / 46P
Stereo DAC For Portable Audio Applications
WM8955BL WOLFSON-WM8955BL_07 Datasheet
687Kb / 44P
Stereo DAC For Portable Audio Applications
WM8973 WOLFSON-WM8973_05 Datasheet
754Kb / 61P
Stereo CODEC for Portable Audio Applications
WM8750BL WOLFSON-WM8750BL_12 Datasheet
773Kb / 60P
Stereo CODEC for Portable Audio Applications
WM8987 WOLFSON-WM8987 Datasheet
821Kb / 59P
Stereo CODEC for Portable Audio Applications
WM8750 WOLFSON-WM8750 Datasheet
773Kb / 60P
Stereo CODEC for Portable Audio Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com