Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8955 Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM8955
Description  STEREO DAC FOR PORTABLE AUDIO APPLICATIONS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8955 Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM8955 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 27Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
Product Preview
WM8955L
w
Product Preview Rev 0.4 May2003
23
LR
switch closes
on insertion
-
-
LOUT1
ROUT1
HPDETECT
headphone /
speaker
switching
47k
Ω /
100k
Ω
AVDD
HPSWEN = 1
HPSWPOL = 1
L/ROUT1 = L/ROUT2 = 1
Figure TBD Example Headset Detection circuit using normally-open switch
LR
switch opens
on insertion
-
-
LOUT1
ROUT1
HPDETECT
headphone /
speaker
switching
47k
Ω /
100k
Ω
AVDD
HPSWEN = 1
HPSWPOL = 0
L/ROUT1 = L/ROUT2 = 1
Figure TBD Example Headset Detection circuit using normally-closed switch
THERMAL SHUTDOWN
The speaker and headphone outputs can drive verylarge currents. To protect the WM8955L from
overheating, a thermal shutdown circuit is included. If the device temperature reaches approximately
150
0C and the thermal shutdown circuit is enabled (TSDEN = 1 ) then the speaker and headphone
amplifiers (outputs OUT1L/R, OUT2L/R & OUT3) will be disabled.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R23 (17h)
Additional (1)
8
TSDEN
0
Thermal Shutdown Enable
0 : thermal shutdown disabled
1 : thermal shutdown enabled
Table 13 Thermal Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com