Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8955 Datasheet(PDF) 15 Page - Wolfson Microelectronics plc

Part # WM8955
Description  STEREO DAC FOR PORTABLE AUDIO APPLICATIONS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8955 Datasheet(HTML) 15 Page - Wolfson Microelectronics plc

Back Button WM8955 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 19Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
Product Preview
WM8955L
w
Product Preview Rev 0.4 May2003
15
SIGNAL PATH
The WM8955L signal paths consists of digital filters, DACs, analogue mixers and output drivers.
Each circuit block can be enabled or disabled separatelyusing the control bits in register 26 (see
“Power Management”). Thus it is possible to utilise the analogue mixing and amplification provided
bythe WM8955L, irrespective of whether the DACs are running or not.
The WM8955L receives digital input data on the DACDAT pin. The digital filter block processes the
data to provide the following functions:
•
Digital volume control
•
Tone control and Bass Boost
•
Digital Mono Mix
•
Sigma-Delta Modulation
Two high performance, sigma-delta audio DACs convert the digital data into two analogue signals
(left and right). These can then be mixed with analogue signals from the LINEINL, LINEINR and
MONOIN pins, and the mix is fed to the output drivers, LOUT1/ROUT1, LOUT2/ROUT2, MONOOUT
and OUT3.
•
LOUT1/ROUT1: can drive 16
Ω or 32Ω stereo headphones or stereo line output.
•
LOUT2/ROUT2: can drive an 8
Ω mono speaker, stereo headphones or a stereo line-out.
•
MONOOUT: line output designed to drive a 10k
Ω load.
•
OUT3: multi-function output, maybe used for capacitor-less headphone drive, differential
mono-out, line-out or 32
Ω earpiece driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com