Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8955 Datasheet(PDF) 27 Page - Wolfson Microelectronics plc

Part # WM8955
Description  STEREO DAC FOR PORTABLE AUDIO APPLICATIONS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8955 Datasheet(HTML) 27 Page - Wolfson Microelectronics plc

Back Button WM8955 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 31Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
Product Preview
WM8955L
w
Product Preview Rev 0.4 May2003
27
LEFT CHANNEL
RIGHT CHANNEL
DACLRC
BCLK
DACDAT
1/fs
n
3
2
1
n-2 n-1
LSB
MSB
n
3
2
1
n-2 n-1
LSB
MSB
Data Word Length (WL)
Note: Word length is defined bythe WL register.
Timing is shown with LRP = 1
Figure 11 Right JustifiedAudio Interface (assuming n-bit word length)
In I
2S mode, the MSB is available on the second rising edge of BCLK following a DACLRC transition.
The other bits up to the LSB are then transmitted in order. Depending on word length, BCLK
frequencyand sample rate, there maybe unused BCLK cycles between the LSB of one sample and
the MSB of the next.
LEFT CHANNEL
RIGHT CHANNEL
DACLRC
BCLK
DACDAT
1/fs
n
3
2
1
n-2 n-1
LSB
MSB
n
3
2
1
n-2 n-1
LSB
MSB
1BCLK
1BCLK
Data Word Length (WL)
Note: Word length is defined bythe WL register.
Timing is shown with LRP = 1
Figure 12 I
2S JustifiedAudio Interface (assuming n-bit word length)
In DSP mode, the left channel MSB is available on either the first or second rising edge of BCLK
(selectable byLRP) following a rising edge of DACLRC. Right channel data immediatelyfollows left
channel data. Depending on word length, BCLK frequencyand sample rate, there maybe unused
BCLK cycles between the LSB of the right channel data and the next sample.
LEFT CHANNEL
RIGHT CHANNEL
DACLRC
BCLK
DACDAT
n
3
2
1
n-2 n-1
LSB
MSB
n
3
2
1
n-2 n-1
1 BCLK
Data Word Length (WL)
Note: Word length is defined bythe WL register.
Timing is shown with LRP = 1
1/fs
Figure 13 DSP Mode Audio Interface (Mode A; LRP = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com