Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8955 Datasheet(PDF) 29 Page - Wolfson Microelectronics plc

Part # WM8955
Description  STEREO DAC FOR PORTABLE AUDIO APPLICATIONS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8955 Datasheet(HTML) 29 Page - Wolfson Microelectronics plc

Back Button WM8955 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 33Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
Product Preview
WM8955L
w
Product Preview Rev 0.4 May2003
29
MASTER CLOCK AND PHASE LOCKED LOOP
The WM8955L has an on-chip phase-locked loop (PLL) circuit that can be used to:
•
generate a master clock for the WM9755L audio function from another external clock,
e.g. in telecoms applications.
•
generate a clock for another part of the system from an existing audio master clock.
The PLL circuit is shown below.
DIGITAL
CORE
MCLK
f/2
PLL
R= f
2 /f1
CLKOUT
f/2
MCLK
SEL
CLKOUT
SEL
MCLK
DIV2
CLKOUT
DIV2
f/4
f/2
PLLOUT
DIV2
CLKOUTEN
f
2
f
1
Figure TBD PLL circuit
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8CLKOUTDIV2
0
CLKOUT Divide by2
0: Divide disabled
1: Divide enabled
R8 (08h)
Sample Rates
6MCLKDIV2
0
MCLK Divide by2
0: Divide disabled
1: Divide enabled
8
MCLKSEL
0
Select internal master clock
0: from MCLK pin
1: from PLL (make sure PLLEN=1)
7CLKOUTEN
0
CLKOUT Enable
0: Pin disabled (tri-state)
1: Pin Enabled
6CLKOUTSEL
0
Select source of CLKOUT
0: from MCLK pin
1: from PLL (make sure PLLEN=1)
5
PLLOUTDIV2
TBD
PLL Output Divide by2
0: Divide disabled
1: Divide enabled
4
PLL_RB
TBD
TBD
R43 (2Bh)
Clocking and
PLL
3
PLLEN
0
PLL Enable
0: PLL disabled; 1: PLL enabled.
Table 19 PLL andClocking Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com