Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8955 Datasheet(PDF) 26 Page - Wolfson Microelectronics plc

Part # WM8955
Description  STEREO DAC FOR PORTABLE AUDIO APPLICATIONS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8955 Datasheet(HTML) 26 Page - Wolfson Microelectronics plc

Back Button WM8955 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 30Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
WM8955L
Product Preview
w
Product Preview Rev 0.4 May2003
26
DIGITAL AUDIO INTERFACE
The digital audio interface is used for feeding audio data into the WM8955L. It uses three pins:
•
DACDAT: DAC data input
•
DACLRC: DAC data alignment clock
•
BCLK: Bit clock, for synchronisation
The clock signals BCLK and DACLRC can be outputs when the WM8955L operates as a master, or
inputs when it is a slave (see Master and Slave Mode Operation, below).
Four different audio data formats are supported:
•
Left justified
•
Right justified
•
I
2S
•
DSP mode
All four of these modes are MSB first. Theyare described in Audio Data Formats, below. Refer to the
Electrical Characteristic section for timing information.
MASTER AND SLAVE MODE OPERATION
The WM8955L can be configured as either a master or slave mode device. As a master device the
WM8955L generates BCLK and DACLRC and thus controls sequencing of the data transfer on
DACDAT. In slave mode, the WM8955L responds with data to clocks it receives over the digital
audio interface. The mode can be selected bywriting to the MS control bit. Master and slave modes
are illustrated below.
BCLK
DACDAT
DACLRC
WM8955L
DAC
DSP /
DECODER
BCLK
DACDAT
DACLRC
WM8955L
DAC
DSP /
DECODER
Figure 8 Master Mode
Figure 9 Slave Mode
AUDIO DATA FORMATS
In Left Justified mode, the MSB is available on the first rising edge of BCLK following a DACLRC
transition. The other bits up to the LSB are then transmitted in order. Depending on word length,
BCLK frequencyand sample rate, there maybe unused BCLK cy
cles before each DACLRC
transition.
LEFT CHANNEL
RIGHT CHANNEL
DACLRC
BCLK
DACDAT
1/fs
n
3
2
1
n-2 n-1
LSB
MSB
n
3
2
1
n-2 n-1
LSB
MSB
Input Word Length (WL)
Note: Input word length is defined bythe WL register.
Timing is shown with LRP = 1
Figure 10 Left JustifiedAudio Interface (assuming n-bit word length)
In Right Justified mode, the LSB is available on the last rising edge of BCLK before a DACLRC
transition. All other bits are transmitted before (MSB first). Depending on word length, BCLK
frequencyand sample rate, there maybe unused BCLK cycles after each DACLRC transition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com