Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8955 Datasheet(PDF) 35 Page - Wolfson Microelectronics plc

Part # WM8955
Description  STEREO DAC FOR PORTABLE AUDIO APPLICATIONS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8955 Datasheet(HTML) 35 Page - Wolfson Microelectronics plc

Back Button WM8955 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8955 Datasheet HTML 39Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
Product Preview
WM8955L
w
Product Preview Rev 0.4 May2003
35
POWER SUPPLIES
The WM8955L can use up to four separate power supplies:
•
AVDD / AGND: Analogue supply, powers all analogue functions except the headphone drivers.
AVDD can range from 1.8V to 3.6V and has the most significant impact on overall power
consumption (except for power consumed in the headphone). A large AVDD slightlyimproves
audio quality.
•
HPVDD / HPGND: Headphone supply, powers the headphone drivers. HPVDD can range from
1.8V to 3.6V. HPVDD is normallytied to AVDD, but it requires separate layout and decoupling
capacitors to curb harmonic distortion. With a larger HPVDD, louder headphone outputs can be
achieved with lower distortion. If HPVDD is lower than AVDD, the output signal maybe clipped.
•
DCVDD: Digital core supply, powers all digital functions except the audio and control
interfaces. DCVDD can range from 1.42V to 3.6V, and has no effect on audio quality. The
return path for DCVDD is DGND, which is shared with DBVDD.
•
DBVDD: Digital buffer supply, powers the audio and control interface buffers. This makes it
possible to run the digital core at verylow voltages, saving power, while interfacing to other
digital devices using a higher voltage. DBVDD draws much less power than DCVDD, and has
no effect on audio quality. The return path for DBVDD is DGND, which is shared with DCVDD.
It is possible to use the same supplyvoltage on all four. However, digital and analogue supplies
should be routed and decoupled separatelyto keep digital switching noise out of the analogue signal
paths.
POWER MANAGEMENT
The WM8955L has two control registers that allow users to select which functions are active. For
minimum power consumption, unused functions should be disabled. To avoid anypop or click noise,
it is important to enable or disable functions in the correct order (see Applications Information)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8:7
VMIDSEL
00
VMID resistor divider select
00 – VMID disabled
01 – 50k
Ω divider enabled
10 – 500k
Ω divider enabled
R25 (19h)
Power
Management
(1)
6
VREF
0
VREF (necessaryfor all other functions)
8
DACL
0
DAC Left
7
DACR
0
DAC Right
6
LOUT1
0
LOUT1 Output Buffer*
5
ROUT1
0
ROUT1 Output Buffer*
4
LOUT2
0
LOUT2 Output Buffer*
3
ROUT2
0
ROUT2 Output Buffer*
2
MOUT
0
MONOOUT Output Buffer and Mono Mixer
R26 (1Ah)
Power
Management
(2)
1
OUT3
0
OUT3 Output Buffer
Note: All control bits are 0=OFF, 1=ON
* The left mixer is enabled when LOUT1=1 or LOUT2=1. The right mixer is enabled when
ROUT1=1 or ROUT2=1.
Table 26 Power Management



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com